Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH16T245DLRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LVCH16T245DLRG4
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCH16T245DLRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVCH16T245DLRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG OR DGV PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
VCCB
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCCB
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCCA
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCCA
2A5
2A6
GND
2A7
2A8
2OE
SN74LVCH16T245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES635A – JULY 2005 – REVISED AUGUST 2005
Control Inputs VIH/VIL Levels Are Referenced
to VCCA Voltage
VCC Isolation Feature – If Either VCC Input Is at
GND, All Outputs Are in the High-Impedance
State
Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
Fully Configurable Dual-Rail Design Allows
Each Port to Operate Over the Full 1.65-V to
5.5-V Power-Supply Range
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Ioff Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This 16-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.65 V to 5.5 V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.65 V to 5.5 V. This allows for universal low-voltage
bidirectional translation between any of the 1.8-V,
2.5-V, 3.3-V, and 5-V voltage nodes.
The SN74LVCH16T245 is designed so that the control pins (1DIR, 2DIR, 1OE, and 2OE) are supplied by VCCA.
The SN74LVCH16T245 is designed for asynchronous communication between two data buses. The logic levels
of the direction-control (DIR) input and the output-enable (OE) input activate either the B-port outputs or the
A-port outputs or place both output ports into the high-impedance mode. The device transmits data from the A
bus to the B bus when the B-port outputs are activated, and from the B bus to the A bus when the A-port outputs
are activated. The input circuitry on both A and B ports is always active and must have a logic HIGH or LOW
level applied to prevent excess ICC and ICCZ.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TSSOP – DGG
Tape and reel
SN74LVCH16T245DGGR
LVCH16T245
TVSOP – DGV
Tape and reel
SN74LVCH16T245DGVR
LDHT245
–40
°C to 85°C
VFBGA – GQL
Tape and reel
SN74LVCH16T245GQLR
LDHT245
VFBGA – ZQL (Pb-free)
Tape and reel
SN74LVCH16T245ZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74LVCH16T245DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCH16T245DLRG4 TI-74LVCH16T245DLRG4 Datasheet
365Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH16T245DLRG4 TI1-74LVCH16T245DLRG4 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
More results

Similar Description - 74LVCH16T245DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com