Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

284065-8 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 284065-8
Description  TERMINAL BLOCK MULTIPLE HEADER 180 DEGREE CLOSED ENDS, 5.08mm PITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

284065-8 Datasheet(HTML) 3 Page - Tyco Electronics

  284065-8 Datasheet HTML 1Page - Tyco Electronics 284065-8 Datasheet HTML 2Page - Tyco Electronics 284065-8 Datasheet HTML 3Page - Tyco Electronics 284065-8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 284065-8

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
28406.0-00 STEGO-28406.0-00 Datasheet
226Kb / 1P
   PRESSURE COMPENSATION DEVICE
24.02.2022
logo
Tyco Electronics
284061-2 MACOM-284061-2 Datasheet
54Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 90 DEGREE, CLOSED ENDS 5.08mm PITCH
284061-3 MACOM-284061-3 Datasheet
54Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 90 DEGREE, CLOSED ENDS 5.08mm PITCH
284061-4 MACOM-284061-4 Datasheet
54Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 90 DEGREE, CLOSED ENDS 5.08mm PITCH
284061-5 MACOM-284061-5 Datasheet
54Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 90 DEGREE, CLOSED ENDS 5.08mm PITCH
More results

Similar Description - 284065-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1776147 MACOM-C-1776147 Datasheet
88Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-1546882 MACOM-C-1546882 Datasheet
76Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-284061 MACOM-C-284061 Datasheet
54Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 90 DEGREE, CLOSED ENDS 5.08mm PITCH
C-796980 MACOM-C-796980 Datasheet
51Kb / 1P
   TERMINAL BLOCK, HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 7.62mm PITCH
C-1776161 MACOM-C-1776161 Datasheet
71Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 10.16mm PITCH
C-796699 MACOM-C-796699 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1546211 MACOM-C-1546211 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE , CLOSED ENDS, 5.00mm PITCH
C-1776153 MACOM-C-1776153 Datasheet
98Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 7.5mm PITCH
C-1776160 MACOM-C-1776160 Datasheet
71Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 10.00mm PITCH
C-1776166 MACOM-C-1776166 Datasheet
80Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, MULTIPLE, 90 DEGREE, CLOSED ENDS, 5.00mm PITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com