Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IWS2424 Datasheet(PDF) 3 Page - Power-One

Part # IWS2424
Description  IWS SERIES - 10 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IWS2424 Datasheet(HTML) 3 Page - Power-One

  IWS2424 Datasheet HTML 1Page - Power-One IWS2424 Datasheet HTML 2Page - Power-One IWS2424 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, HLS, HLD, LES,
TTL "Low" Turns Module ON
QBS, QES, QLS, TES, TQD
TTL "High" Turns Module OFF
Lucent-Compatible
T
HAS, HBD, HBS, HES, HLS, QBS, QES,
QLS
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
Pin Length and Heatsink Options
Standard Pin Length is 0.180" (4.6mm)
0.110" (2.8mm) Pin Length
8
All Units (Except SMS)
0.150" (3.8mm) Pin Length
9
All Units (Except SMS)
0.24" (6.1mm) Horizontal Heatsink
1H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.24" (6.1mm) Vertical Heatsink
1V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.45" (11.4mm) Horizontal Heatsink
2H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.45" (11.4mm) Vertical Heatsink
2V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.95" (24.1mm) Horizontal Heatsink
3H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.95" (24.1mm) Vertical Heatsink
3V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer
and add them to the model number. Example ordering options are located below the options table.
Example Options:
HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent-compatible trim, and 0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent-compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
OPTIONS


Similar Part No. - IWS2424

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IWS-41A ADVANTECH-IWS-41A Datasheet
2Mb / 3P
   Intelligent Water Treatment Management Solution Suite
22-Jun-2021
IWS-41A-AP01 ADVANTECH-IWS-41A-AP01 Datasheet
2Mb / 3P
   Intelligent Water Treatment Management Solution Suite
22-Jun-2021
logo
Cynergy3 Co
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
   Water approved Submersible Level Transmitter - Silicon Sensor
More results

Similar Description - IWS2424

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
   TEL 10 Series, 10 Watt
Rev. March 6, 2023
logo
Volgen Kaga Electronics...
KTPS10-03320WA VOLGEN-KTPS10-03320WA Datasheet
4Mb / 1P
   Volgen 10 Watt Series
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
TRACO Electronic AG
TEL10WI TRACOPOWER-TEL10WI Datasheet
938Kb / 4P
   TEL 10WI Series, 10 Watt
Rev. March 6, 2023
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
   TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
logo
Phihong USA Inc.
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
logo
SL Power Electronics
PW170KB SLPOWER-PW170KB Datasheet
225Kb / 3P
   Universal 10 ??15 Watt Series
logo
TRACO Electronic AG
THL10 TRACOPOWER-THL10 Datasheet
920Kb / 4P
   DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
TEN10 TRACOPOWER-TEN10 Datasheet
287Kb / 4P
   DC/DC Converters TEN 10 Series, 10 Watt
Rev. October 26, 2022
TRI10 TRACOPOWER-TRI10 Datasheet
891Kb / 4P
   DC/DC Converter TRI 10 Series, 10 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com