Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40IMX15-05-05-9 Datasheet(PDF) 1 Page - Power-One

Part # 40IMX15-05-05-9
Description  15 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

40IMX15-05-05-9 Datasheet(HTML) 1 Page - Power-One

  40IMX15-05-05-9 Datasheet HTML 1Page - Power-One 40IMX15-05-05-9 Datasheet HTML 2Page - Power-One 40IMX15-05-05-9 Datasheet HTML 3Page - Power-One 40IMX15-05-05-9 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
• Reinforced isolation for IMY-models
• Magnetic feedback
• Synchronous rectifier for 2.5, 3.3 and 5 V
outputs
• Short circuit protection
IMX 15, IMY 15 Series
15 Watt DC-DC Converters
Wide input voltage ranges up to 150 V DC
1 or 2 outputs up to 48 V DC
1500...4000 V DC I/O electric strength test
Selection chart
Output 1
Output 2
Input voltage
Type
Options
Uo nom
Io nom
Uo nom
Io nom
Ui
(for availability
[V DC]
[mA]
[V DC]
[mA]
[V DC]
consult sales point)
2.5
4500
-
-
8.4...36
20 IMX 15-2.5-9RG
-8, i, L, C, Z
2.5
4500
-
-
16.8...75
40 IMX 15-2.5-9RG
-8, i, L, C, Z
3.3
4500
-
-
8.4...36
20 IMX 15-03-9RG
-8, i, L, C, Z
3.3
4500
-
-
16.8...75
40 IMX 15-03-9RG
-8, i, L, C, Z
3.3
4500
-
-
50...150
110 IMY 15-03-9RG
-8, i, L, C, Z
5
3500
-
-
8.4...36
20 IMX 15-05-9RG
-8, i, L, C, Z
5
3500
-
-
16.8...75
40 IMX 15-05-9RG
-8, i, L, C, Z
5
3500
-
-
50...150
110 IMY 15-05-9RG
-8, i, L, C, Z
5.1
2300
-
-
8.4...36
20 IMX 15-05-9R
-8, i, L, C, Z
5.1
2500
-
-
16.8...75
40 IMX 15-05-9R
-8, i, L, C, Z
5.1
2500
-
-
50...150
110 IMY 15-05-9R
-8, i, L, C, Z
+5.1
1350
+3.3
1350
8.4...36
20 IMX 15-0503-9R
-8, i, L, C, Z
+5.1
1500
+3.3
1500
16.8...75
40 IMX 15-0503-9R
-8, i, L, C, Z
+5.1
1500
+3.3
1500
50...150
110 IMY 15-0503-9R
-8, i, L, C, Z
5
1300
5
1300
8.4...36
20 IMX 15-05-05-9
-8, R, K, i, L, C, Z
5
1400
5
1400
16.8...75
40 IMX 15-05-05-9
-8, R, K, i, L, C, Z
5
1400
5
1400
50...150
110 IMY 15-05-05-9
-8, R, i, L, C, Z
12
650
12
650
8.4...36
20 IMX 15-12-12-9
-8, R, K, i, L, C, Z
12
700
12
700
16.8...75
40 IMX 15-12-12-9
-8, R, K, i, L, C, Z
12
700
12
700
50...150
110 IMY 15-12-12-9
-8, R, i, L, C, Z
15
500
15
500
8.4...36
20 IMX 15-15-15-9
-8, R, K, i, L, C, Z
15
560
15
560
16.8...75
40 IMX 15-15-15-9
-8, R, K, i, L, C, Z
15
560
15
560
50...150
110 IMY 15-15-15-9
-8, R, i, L, C, Z
24
320
24
320
8.4...36
20 IMX 15-24-24-9
-8, R, i, L, C, Z
24
350
24
350
16.8...75
40 IMX 15-24-24-9
-8, R, i, L, C, Z
24
350
24
350
50...150
110 IMY 15-24-24-9
-8, R, i, L, C, Z
LGA


Similar Part No. - 40IMX15-05-05-9

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX15-05-05-9 POWER-ONE-40IMX15-05-05-9 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 40IMX15-05-05-9

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com