Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40IMX7-12-9C Datasheet(PDF) 1 Page - Power-One

Part # 40IMX7-12-9C
Description  7 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

40IMX7-12-9C Datasheet(HTML) 1 Page - Power-One

  40IMX7-12-9C Datasheet HTML 1Page - Power-One 40IMX7-12-9C Datasheet HTML 2Page - Power-One 40IMX7-12-9C Datasheet HTML 3Page - Power-One 40IMX7-12-9C Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
Edition 4/04.2001
• Magnetic feedback for single output models
• Short circuit protection
• Industry standard 2" x 1" case with 10.5 mm
profile
IMX 7 Series
7 Watt DC-DC Converters
Wide input voltage ranges up to 150 V DC
1 or 2 outputs up to 48 V DC
1500...2500 V DC I/O electric strength test
Selection chart
Output 1
Output 2
Input voltage
Type
Options1, 2
Uo nom
Io nom
Uo nom
Io nom
Ui
[V DC]
[A]
[V DC]
[mA]
[V DC]
3.3
1.5
-
-
8.4...36
20 IMX 7-03-9
-8, M, C, L, Z
3.3
1.5
-
-
16.8...75
40 IMX 7-03-9 3
-8, M, C, L, Z
3.3
1.5
-
-
40...121
70 IMX 7-03-9
-8, M
3.3
1.5
-
-
60...150
110 IMX 7-03-9
-8, M
5.1
1.2
-
-
8.4...36
20 IMX 7-05-9
-8, M, C, L, Z
5.1
1.2
-
-
16.8...75
40 IMX 7-05-9 3
-8, M, C, L, Z
5.1
1.2
-
-
40...121
70 IMX 7-05-9
-8, M
5.1
1.2
-
-
60...150
110 IMX 7-05-9
-8, M
12
0.5
-
-
8.4…36
20 IMX 7-12-9C
-8
12
0.6
-
-
16.8…75
40 IMX 7-12-9C 3
-8
15
0.4
-
-
8.4…36
20 IMX 7-15-9C
-8
15
0.48
-
-
16.8…75
40 IMX 7-15-9C 3
-8
24
0.26
-
-
8.4…36
20 IMX 7-24-9C
-8
24
0.3
-
-
16.8…75
40 IMX 7-24-9C 3
-8
5
0.7
5
0.7
8.4...36
20 IMX 7-05-05-9
-8, M, C, L, Z
5
0.7
5
0.7
16.8...75
40 IMX 7-05-05-9 3
-8, M, C, L, Z
5
0.7
5
0.7
40...121
70 IMX 7-05-05-9
-8, M
5
0.7
5
0.7
60...150
110 IMX 7-05-05-9
-8, M
12
0.3
12
0.3
8.4...36
20 IMX 7-12-12-9
-8, M, C, L, Z
12
0.3
12
0.3
16.8...75
40 IMX 7-12-12-9 3
-8, M, C, L, Z
12
0.3
12
0.3
40...121
70 IMX 7-12-12-9
-8, M
12
0.3
12
0.3
60...150
110 IMX 7-12-12-9
-8, M
15
0.24
15
0.24
8.4...36
20 IMX 7-15-15-9
-8, M, C, L, Z
15
0.24
15
0.24
16.8...75
40 IMX 7-15-15-9 3
-8, M, C, L, Z
15
0.24
15
0.24
40...121
70 IMX 7-15-15-9
-8, M
15
0.24
15
0.24
60...150
110 IMX 7-15-15-9
-8, M
24
0.15
24
0.15
8.4...36
20 IMX 7-24-24-9
-8, M, C, L, Z
24
0.15
24
0.15
16.8...75
40 IMX 7-24-24-9 3
-8, M, C, L, Z
24
0.15
24
0.15
40...121
70 IMX 7-24-24-9
-8, M
24
0.15
24
0.15
60...150
110 IMX 7-24-24-9
-8, M
1 For minimum order quantity and lead time contact Power-One.
2 Option M, C, L and Z exclude each other.
3 Operation at lower input voltage possible: Po approx. 80% of Po nom at Ui min = 14.4 V
LGA


Similar Part No. - 40IMX7-12-9C

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-12-12-8 POWER-ONE-40IMX7-12-12-8 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
40IMX7-12-12-8 BEL-40IMX7-12-12-8 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - 40IMX7-12-9C

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com