Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-282821 Datasheet(PDF) 1 Page - Tyco Electronics

Part # C-282821
Description  TERMINAL BLOCK HEADER ASSEMBLY 180 ? STACKING WITH INTERLOCK 5mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

C-282821 Datasheet(HTML) 1 Page - Tyco Electronics

  C-282821 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - C-282821

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282822 MACOM-C-282822 Datasheet
44Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS, STACKING 5mm PITCH
C-282824 MACOM-C-282824 Datasheet
39Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? STACKING W/INTERLOCK 5.08mm PITCH
C-282825 MACOM-C-282825 Datasheet
62Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS. STACKING 5.08mm PITCH
C-282826 MACOM-C-282826 Datasheet
41Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? CLOSED ENDS 10mm PITCH
C-282827 MACOM-C-282827 Datasheet
40Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS 10mm PITCH
More results

Similar Description - C-282821

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282824 MACOM-C-282824 Datasheet
39Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? STACKING W/INTERLOCK 5.08mm PITCH
C-282811 MACOM-C-282811 Datasheet
39Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ? STACKING W/INTERLOCK 5mm PITCH
C-282822 MACOM-C-282822 Datasheet
44Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS, STACKING 5mm PITCH
C-284056 MACOM-C-284056 Datasheet
113Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 180 STACKING W/INTERLOCK, 5.0mm PITCH
C-1776143 MACOM-C-1776143 Datasheet
76Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING W/INTERLOCK, 5.08mm PITCH
C-282814 MACOM-C-282814 Datasheet
40Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 STACKING WITH INTERLOCK 5.08mm PITCH
C-1776142 MACOM-C-1776142 Datasheet
76Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING W/INTERLOCK 5.00mm PITCH
C-282805 MACOM-C-282805 Datasheet
42Kb / 1P
   TERMINAL BLOCK PLUG STACKING W/INTERLOCK 5mm PITCH
C-1546213 MACOM-C-1546213 Datasheet
55Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 ?, OPEN ENDS, STACKING 5.08mm PITCH
C-282825 MACOM-C-282825 Datasheet
62Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS. STACKING 5.08mm PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com