Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFS-30B-04 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # UFS-30B-04
Description  Crimp Type Socket (Double Row, Polarity Key)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

UFS-30B-04 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  UFS-30B-04 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. UFS-30B-04 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-21
Internal
Connectors
UFS-Contact 66 -
* - **
Part Number (Details)
Series No.
Packing Units:
1 = Bulk Pins (cut)
2 = On Reel
(5,000 pcs. per reel)
Type of Contact Plating:
BF = Base (Nickel 2.5 ~ 4.5µm)
Contact (Gold 0.3µm min.)
Crimp (Gold 0.05µm min.)
AF = Base (Nickel 2.5 ~ 4.5µm)
Contact (Gold 0.76µm min.)
Crimp (Gold 0.05µm min.)
UFS Hand Tool-66-5
Contact (Type 66)
Crimp Tool
Polarity Key for UFS
Applicable Cables
Material: Nylon 66,
colour blue
AWG Cable No.
24
26
28
Cross Section Area (mm2)
0.2
0.15
0.08
Cable Retaining Force (min.)
3.5kg
2.1kg
1.4kg
Series UFS
Crimp Contact, Polarity Key and Cover
3.5


Similar Part No. - UFS-30B-04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFS MICROSEMI-UFS Datasheet
136Kb / 3P
   RECTIFIERS ASSEMBLIES
UFS10 MICROSEMI-UFS10 Datasheet
136Kb / 3P
   RECTIFIERS ASSEMBLIES
UFS105J MICROSEMI-UFS105J Datasheet
98Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
First Components Intern...
UFS11 FCI-UFS11 Datasheet
136Kb / 2P
   1.0 Amp SMD SUPER FAST RECTIFIERS
logo
Microsemi Corporation
UFS110G MICROSEMI-UFS110G Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS
More results

Similar Description - UFS-30B-04

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SRP-XXA-G ADAM-TECH-SRP-XXA-G Datasheet
66Kb / 1P
   POWER SOCKET STRAIGHT CRIMP CUP TYPE
logo
FCI connector
8656353064 FCI-CONNECTOR-8656353064 Datasheet
92Kb / 1P
   CRIMP SOCKET
logo
Samtec, Inc
BSE-020-01-F-D-A SAMTEC-BSE-020-01-F-D-A Datasheet
171Kb / 1P
   .8mm DOUBLE ROW SOCKET ASSEMBLY
logo
TE Connectivity Ltd
C-2379239 TEC-C-2379239 Datasheet
884Kb / 2P
   NECTOR T, 3Pos, SOCKET CONNECTOR CRIMP TYPE
logo
FCI connector
8656351064 FCI-CONNECTOR-8656351064 Datasheet
92Kb / 1P
   CRIMP SOCKET
logo
Samtec, Inc
LSH-050-01-G-D-A SAMTEC-LSH-050-01-G-D-A Datasheet
297Kb / 2P
   .5mm DOUBLE ROW SOCKET ASSEMBLY
QSE-040-01-L-D-A SAMTEC-QSE-040-01-L-D-A Datasheet
798Kb / 5P
   .8mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-060-01-L-D-A-K SAMTEC-QSH-060-01-L-D-A-K Datasheet
1Mb / 4P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-090-01-L-D-A SAMTEC-QSH-090-01-L-D-A Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
logo
Harwin Plc
M80-7052705 HARWIN-M80-7052705 Datasheet
127Kb / 1P
   -ROW DATAMATE FEMALE CRIMP SOCKET ASSY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com