Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9555DGVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCA9555DGVRG4
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9555DGVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9555DGVRG4 Datasheet HTML 6Page - Texas Instruments PCA9555DGVRG4 Datasheet HTML 7Page - Texas Instruments PCA9555DGVRG4 Datasheet HTML 8Page - Texas Instruments PCA9555DGVRG4 Datasheet HTML 9Page - Texas Instruments PCA9555DGVRG4 Datasheet HTML 10Page - Texas Instruments PCA9555DGVRG4 Datasheet HTML 11Page - Texas Instruments PCA9555DGVRG4 Datasheet HTML 12Page - Texas Instruments PCA9555DGVRG4 Datasheet HTML 13Page - Texas Instruments PCA9555DGVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Interrupt (INT) Output
Bus Transactions
Writes
1
2
SCL
3
4
5
6
7
8
SDA
A
A
A
Data 0
R/W
tpv
9
0
0
0
0
0
0
0
1
0.7
0.0
Data 1
1.7
1.0
A
S
0
1
0
0
A2 A1 A0
0
tpv
P
Slave Address
Command Byte
Data to Port 0
Data to Port 1
Start Condition
Acknowledge
From Slave
Write to Port
Data Out from Port 1
Data Out from Port 0
Data Valid
Acknowledge
From Slave
Acknowledge
From Slave
1
2
SCL
3
4
5
6
7
8
SDA
A
A
A
Data 0
Data to Register
R/W
9
0
0
0
0
0
0
1
1
MSB
LSB
Data 1
MSB
LSB
A
Data to Register
S
0
1
0
0
A2 A1 A0
0
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
P
Acknowledge
From Slave
Acknowledge
From Slave
Start Condition
Command Byte
Slave Address
Acknowledge
From Slave
PCA9555
SCPS131E – AUGUST 2005 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After time, tiv, the
signal INT is valid. Resetting the interrupt circuit is achieved when data on the port is changed to the original
setting, data is read from the port that generated the interrupt or in a Stop event. Resetting occurs in the read
mode at the acknowledge (ACK) bit or not acknowledge (NACK) bit after the falling edge of the SCL signal.
Interrupts that occur during the ACK or NACK clock pulse can be lost (or be very short) due to the resetting of
the interrupt during this pulse. Each change of the I/Os after resetting is detected and is transmitted as INT.
Reading from or writing to another device does not affect the interrupt circuit, and a pin configured as an output
cannot cause an interrupt. Changing an I/O from an output to an input may cause a false interrupt to occur if the
state of the pin does not match the contents of the Input Port register. Because each 8-bit port is read
independently, the interrupt caused by port 0 is not cleared by a read of port 1, or vice versa.
INT has an open-drain structure and requires a pullup resistor to VCC.
Data is exchanged between the master and the PCA9555 through write and read commands.
Data is transmitted to the PCA9555 by sending the device address and setting the least-significant bit to a logic 0
(see Figure 4 for device address). The command byte is sent after the address and determines which register
receives the data that follows the command byte.
The eight registers within the PCA9555 are configured to operate as four register pairs. The four pairs are input
ports, output ports, polarity inversion ports, and configuration ports. After sending data to one register, the next
data byte is sent to the other register in the pair (see Figure 6 and Figure 7). For example, if the first byte is sent
to output port (register 3), the next byte is stored in Output Port 0 (register 2).
There is no limitation on the number of data bytes sent in one write transmission. In this way, each 8-bit register
may be updated independently of the other registers.
Figure 6. Write to Output Port Registers
Figure 7. Write to Configuration Registers
10
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9555


Similar Part No. - PCA9555DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555DGVRG4 TI-PCA9555DGVRG4 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9555DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com