Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70IMX4-05-9 Datasheet(PDF) 1 Page - Power-One

Part # 70IMX4-05-9
Description  4 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

70IMX4-05-9 Datasheet(HTML) 1 Page - Power-One

  70IMX4-05-9 Datasheet HTML 1Page - Power-One 70IMX4-05-9 Datasheet HTML 2Page - Power-One 70IMX4-05-9 Datasheet HTML 3Page - Power-One 70IMX4-05-9 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
Edition 4/04.2001
• Short circuit protection
• DIL 24 Case with 8.5 mm profile
IMX 4 Series
4 Watt DC-DC Converters
Input voltage ranges up to 121 V DC
1 or 2 outputs up to 48 V DC
Up to 2000 V DC I/O electric strength test
Selection chart
Output 1
Output 2
Input voltage
Type
Options1
Uo nom
Io nom
Uo nom
Io nom
Ui
[V DC]
[mA]
[V DC]
[mA]
[V DC]
3.3
900
-
-
8.4...36
20 IMX 4-03-9
-8, M, Z
3.3
900
-
-
16.8...75
40 IMX 4-03-9
-8, M, Z
3.3
900
-
-
40...121
70 IMX 4-03-9
-8, L, Z
5
700
-
-
4.7...16.8
5 IMX 4-05-9
-8, Z
5
700
-
-
8.4...36
20 IMX 4-05-9
-8, M, K, Z
5
700
-
-
16.8...75
40 IMX 4-05-9
-8, M, K, Z
5
700
-
-
40...121
70 IMX 4-05-9
-8, Z
12
340
-
-
4.7...16.8
5 IMX 4-12-9
-8, Z
12
340
-
-
8.4...36
20 IMX 4-12-9
-8, M, K, Z
12
340
-
-
16.8...75
40 IMX 4-12-9
-8, M, K, Z
12
340
-
-
40...121
70 IMX 4-12-9
-8, Z
15
280
-
-
4.7...16.8
5 IMX 4-15-9
-8, Z
15
280
-
-
8.4...36
20 IMX 4-15-9
-8, M, K, Z
15
280
-
-
16.8...75
40 IMX 4-15-9
-8, M, K, Z
15
280
-
-
40...121
70 IMX 4-15-9
-8, Z
+5
350
–5
350
8.4...36
20 IMX 4-0505-9
-8, M, K, Z
+5
350
–5
350
16.8...75
40 IMX 4-0505-9
-8, M, K, Z
+5
350
–5
350
40...121
70 IMX 4-0505-9
-8, Z
+12
170
–12
170
8.4...36
20 IMX 4-1212-9
-8, M, K, Z
+12
170
–12
170
16.8...75
40 IMX 4-1212-9
-8, M, K, Z
+15
140
–15
140
8.4...36
20 IMX 4-1515-9
-8, M, K, Z
+15
140
–15
140
16.8...75
40 IMX 4-1515-9
-8, M, K, Z
+24
80
–24
80
8.4...36
20 IMX 4-2424-9
-8, M, Z
+24
80
–24
80
16.8...75
40 IMX 4-2424-9
-8, M, Z
1 For minimum order quantity and lead time contact Power-One.


Similar Part No. - 70IMX4-05-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
70IMX4-05-8 BEL-70IMX4-05-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
70IMX4-05-8 BEL-70IMX4-05-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
More results

Similar Description - 70IMX4-05-9

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
   4 watt dc-dc converters
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
AIMTEC
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
   4 watt dc-dc converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com