Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAP-1401-1204-2-0BF Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # FAP-1401-1204-2-0BF
Description  MIL Std. Latch Box Header Plug, (2.54mm Pitch)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FAP-1401-1204-2-0BF Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  FAP-1401-1204-2-0BF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FAP-1401-1204-2-0BF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FAP-1401-1204-2-0BF Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. FAP-1401-1204-2-0BF Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-13
Internal
Connectors
Part Numbers (cont’d)
Part Number
No. of Leads
A
B
C
D
E
F (max.)
FAP-1001-2204-2-0BF
10
32.00
21.84
27.94
17.52
10.16
48.52
FAP-1401-1104-2-0AF
14
37.20
26.84
32.12
23.34
15.24
52.24
FAP-1401-1202-2-0BF
14
37.20
26.84
32.12
23.34
15.24
52.24
FAP-1401-1204-2-0AF
14
37.20
26.84
32.12
23.34
15.24
52.24
FAP-1401-1204-2-0BF
14
37.20
26.84
32.12
23.34
15.24
52.24
FAP-1601-1104-2-0AF
16
39.62
29.46
35.56
25.14
17.78
56.14
FAP-1601-1104-1-0BF
16
39.62
29.46
35.56
25.14
17.78
56.14
FAP-1601-1104-2-0AF
16
39.62
29.46
35.56
25.14
17.78
56.14
FAP-1601-1104-2-0BF
16
39.62
29.46
35.56
25.14
17.78
56.14
FAP-1601-1202-2-0AF
16
39.62
29.46
35.56
25.14
17.78
56.14
FAP-1601-1202-2-0BF
16
39.62
29.46
35.56
25.14
17.78
56.14
FAP-1601-1204-1-0BF
16
39.62
29.46
35.56
25.14
17.78
56.14
FAP-1601-1204-2-0BF
16
39.62
29.46
35.56
25.14
17.78
56.14
FAP-2001-1102-1-0BF
20
44.70
34.54
40.64
30.22
22.86
61.22
FAP-2001-1104-2-0AF
20
44.70
34.54
40.64
30.22
22.86
61.22
FAP-2001-1104-2-0BF
20
44.70
34.54
40.64
30.22
22.86
61.22
FAP-2001-1202-2-0AF
20
44.70
34.54
40.64
30.22
22.86
61.22
FAP-2001-1202-2-0BF
20
44.70
34.54
40.64
30.22
22.86
61.22
FAP-2001-1204-2-0AF
20
44.70
34.54
40.64
30.22
22.86
61.22
FAP-2001-1204-2-0BF
20
44.70
34.54
40.64
30.22
22.86
61.22
FAP-2601-1102-2-0AF
26
52.32
42.16
48.26
37.84
30.48
68.84
FAP-2601-1104-2-0AF
26
52.32
42.16
48.26
37.84
30.48
68.84
FAP-2601-1104-2-0BF
26
52.32
42.16
48.26
37.84
30.48
68.84
FAP-2601-1202-2-0AF
26
52.32
42.16
48.26
37.84
30.48
68.84
FAP-2601-1202-2-0BF
26
52.32
42.16
48.26
37.84
30.48
68.84
FAP-2601-1204-2-0AF
26
52.32
42.16
48.26
37.84
30.48
68.84
FAP-2601-1204-2-0BF
26
52.32
42.16
48.26
37.84
30.48
68.84
FAP-3001-1202-2-0BF
30
57.40
47.24
53.42
42.92
35.56
73.92
FAP-3401-1102-2-0AF
34
62.48
52.32
58.42
48.00
40.64
79.00
FAP-3401-1102-2-0BF
34
62.48
52.32
58.42
48.00
40.64
79.00
FAP-3401-1104-2-0AF
34
62.48
52.32
58.42
48.00
40.64
79.00
FAP-3401-1202-2-0AF
34
62.48
52.32
58.42
48.00
40.64
79.00
FAP-3401-1202-2-0BF
34
62.48
52.32
58.42
48.00
40.64
79.00
FAP-3401-1204-2-0AF
34
62.48
52.32
58.42
48.00
40.64
79.00
FAP-3401-1204-2-0BF
34
62.48
52.32
58.42
48.00
40.64
79.00
FAP-4001-1102-2-0AF
40
70.10
59.94
66.04
55.62
48.26
86.62
FAP-4001-1102-2-0BF
40
70.10
59.94
66.04
55.62
48.26
86.62
FAP-4001-1104-2-0AF
40
70.10
59.94
66.04
55.62
48.26
86.62
FAP-4001-1202-2-0AF
40
70.10
59.94
66.04
55.62
48.26
86.62
FAP-4001-1202-2-0BF
40
70.10
59.94
66.04
55.62
48.26
86.62
FAP-4001-1204-2-0AF
40
70.10
59.94
66.04
55.62
48.26
86.62
FAP-5001-1104-2-0AF
50
82.80
72.64
78.74
68.32
60.96
99.32
FAP-5001-1202-2-0AF
50
82.80
72.64
78.74
68.32
60.96
99.32
FAP-5001-1202-2-0BF
50
82.80
72.64
78.74
68.32
60.96
99.32
FAP-5001-1204-2-0AF
50
82.80
72.64
78.74
68.32
60.96
99.32
FAP-5001-1204-2-0BF
50
82.80
72.64
78.74
68.32
60.96
99.32
FAP-6001-1202-2-0BF
60
95.50
85.34
91.44
81.02
73.66
112.02
FAP-6001-1204-2-0AF
60
95.50
85.34
91.44
81.02
73.66
112.02
FAP-6001-1204-2-0BF
60
95.50
85.34
91.44
81.02
73.66
112.02
FAP-6401-1102-2-0AF
64
100.60
90.42
96.52
86.10
78.74
117.10
FAP-6401-1104-1-0BF
64
100.60
90.42
96.52
86.10
78.74
117.10
FAP-6401-1104-2-0AF
64
100.60
90.42
96.52
86.10
78.74
117.10
FAP-6401-1202-2-0AF
64
100.60
90.42
96.52
86.10
78.74
117.10
FAP-6401-1202-2-0BF
64
100.60
90.42
96.52
86.10
78.74
117.10
FAP-6401-1204-1-0BF
64
100.60
90.42
96.52
86.10
78.74
117.10
FAP-6401-1204-2-0AF
64
100.60
90.42
96.52
86.10
78.74
117.10
Series FAP
MIL Std. Latch Header Plug, (2.54mm Pitch)


Similar Part No. - FAP-1401-1204-2-0BF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAP-01-K MSYSTEM-FAP-01-K Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-K/Q MSYSTEM-FAP-01-K/Q Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-L MSYSTEM-FAP-01-L Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-L/Q MSYSTEM-FAP-01-L/Q Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-P MSYSTEM-FAP-01-P Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAP-1401-1204-2-0BF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHR-XX-HUAS ADAM-TECH-MHR-XX-HUAS Datasheet
106Kb / 1P
   LATCH BOX HEADER
MHR-XX-VTAS ADAM-TECH-MHR-XX-VTAS Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-15 ADAM-TECH-MHR-XX-VUAL-15 Datasheet
83Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL ADAM-TECH-MHR-XX-VUAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-A-XX-VUAL ADAM-TECH-MHR-A-XX-VUAL Datasheet
86Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUA ADAM-TECH-MHR-XX-HUA Datasheet
85Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUAS-15 ADAM-TECH-MHR-XX-HUAS-15 Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-SMT-MP ADAM-TECH-MHR-XX-VUAL-SMT-MP Datasheet
97Kb / 1P
   LATCH BOX HEADER
MHR-XX-HSGAL ADAM-TECH-MHR-XX-HSGAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-XX-VSGAS ADAM-TECH-MHR-XX-VSGAS Datasheet
81Kb / 1P
   LATCH BOX HEADER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com