Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDS128-004-BF Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # NDS128-004-BF
Description  90째 180째 Solder Dip Socket (1.27mm Pitch)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NDS128-004-BF Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  NDS128-004-BF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NDS128-004-BF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
ND Series (Board-to-Board)
180° Solder Dip Socket (1.27mm Pitch)
NDS
050 - 004 - BF
Part Number (Details)
Series (socket)
No. of Leads
Terminal Type:
4 = Straight Solder Dip
Contact Plating:
Mating Face - Au (0.3µm min.) over Ni
Solder Terminals - Au (0.05µm min.) over Ni
Recommended PCB Layout
Top View
Contact Details
For 50 Leads only
For All Other Leads
Specifications
Insulation Resistance:
500M
Ω min. at 500 V DC
Withstanding Voltage:
500 V AC rms for 1 minute
Contact Resistance:
35m
Ω max. at 10mA
Current Rating:
0.5A
Operating Temp. Range: –55°C to +85°C
Mating Cycles:
500 insertions
Soldering Temp.:
230° C / 10 sec.
Materials and Finish
Housing: PPS (glass filled), UL 94V-0 rated
Contacts: Copper Alloy
Plating:
Mating Face Contacts - Au over Ni
Solder Terminals - Au over Ni
Features
Low insertion and extraction forces due to bellows type contacts
Outline Dimensions
Part Number
No. of
Leads
AB
C
D
E
Part Number
No. of
Leads
AB
C
D
E
NDS036-004-BF
36
28.75
26.17
21.59
33.43
38.93
NDS040-004-BF
40
31.29
28.71
24.13
35.97
41.47
NDS050-004-BF
50
37.64
35.06
30.48
42.32
47.82
NDS068-004-BF
68
49.07
46.49
41.91
53.75
59.25
NDS128-004-BF
128
87.17
84.59
80.01
91.85
97.35
NDS060-004-BF
60
43.99
41.41
36.83
48.67
54.17
NDS080-004-BF
80
56.69
54.11
49.53
61.37
66.87
Standard types
For the following versions below please contact Yamaichi, minimum order quantity may be required
NDS100-004-BF
100
69.39
66.81
62.23
74.04
79.57
NDS120-004-BF
120
82.09
79.51
74.93
86.77
92.27


Similar Part No. - NDS128-004-BF

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDS1316-E NICHIA-NDS1316-E Datasheet
215Kb / 3P
   SkyBlue Laser Diode
More results

Similar Description - NDS128-004-BF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NDP050-002-BF YAMAICHI-NDP050-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
NFP-10A-0132BF YAMAICHI-NFP-10A-0132BF Datasheet
67Kb / 2P
   90째 180째 Solder Dip Box Header (1.27mm Pitch)
NFP-10A-0122BF YAMAICHI-NFP-10A-0122BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
NDS050-005-BF1 YAMAICHI-NDS050-005-BF1 Datasheet
93Kb / 1P
   180째 SMT Type Socket (1.27mm Pitch)
DD-15PNT-S-IE YAMAICHI-DD-15PNT-S-IE Datasheet
48Kb / 1P
   180째 Solder Dip (Male / Female)
DRA-09S11 YAMAICHI-DRA-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
   Solder Dip Socket
NCS036-D002-K13289 YAMAICHI-NCS036-D002-K13289 Datasheet
60Kb / 1P
   Dual Port - 90째 Solder Dip Sockets
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com