Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGP-1001-0501-2-0FF Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # FGP-1001-0501-2-0FF
Description  PC Board Transition Header (2 Rows)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FGP-1001-0501-2-0FF Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  FGP-1001-0501-2-0FF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-19
Internal
Connectors
Contact Details
Series (plug)
No. of Leads
Distance between IC -
Terminal Rows: 01 = 0.1in.
Design Number
*Strain Relief Option:
0 = Without Strain Relief
Terminal Length:
1 = 3.4mm (standard)
2 = 5.1mm (not available for 20 and 50 leads )
Colour Code: 1 = Black
2 = Blue (standard)
Type of IDC Contact Plating:
0FF = Au (0.05~0.1µm) over Nickel (2.5~4.5µm)
Outline Dimensions
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
700V ACrms for 1 minute
Contact Resistance:
30m
Ω max. at 10mA
Current Rating:
1A
Operating Temp. Range: –20°C to +105°C
Soldering Temperature: 230°C / 10 sec.
Materials and Finish
Housing: PBT (glass filled), UL 94V-0
Contacts: Copper Alloy
Plating:
Au over Nickel
Features
Flat cable connectors for solder PC board connection
High density
FGP
- 40 01 - 05 0 * - 2 - 0FF
Part Number (Details)
Jigs and Tools
Hand press: FX-003
Applicable jig: FG-505
Platen: Standard platen
Applicable Cables
AWG 28 stranded wire, 1.27mm pitch
AWG 30 solid wire, 1.27mm pitch
(e.g. DK**-*, FLEX-S, TPFLEX-N*, FS-FLEX-B*, see Section F)
Recommended PCB Layout
Top View
Metal strain relief
FGP-1001-0501-2-0FF
10
16.70
10.16
FGP-1001-0502-2-0FF
10
16.70
10.16
FGP-1401-0501-2-0FF
14
21.85
15.26
FGP-1601-0501-2-0FF
16
24.32
17.78
FGP-2001-0501-2-0FF
20
29.40
22.86
FGP-2601-0501-2-0FF
26
37.02
30.48
FGP-3401-0501-2-0FF
34
47.18
40.64
FGP-4001-0501-2-0FF
40
54.80
48.26
FGP-5001-0501-2-0FF
50
67.50
60.96
Max. 0.9
5.0
7.90
8.10
Max. 1.2
5.3
8.10
8.30
Standard types see table.
For other versions from 10 to 50 leads please contact Yamaichi,
minimum order quantity may be required
Part Number
No. of Leads
A
B
Cable Thickness
C
D
up to 40 leads
D
above 50 leads
Series FGP
PC Board Transition Header (2 Rows)
FGP-**01-0510-0000
Part Number (Details) for Strain Relief
No. of Leads e.g.: 40


Similar Part No. - FGP-1001-0501-2-0FF

ManufacturerPart #DatasheetDescription
logo
Level One
FGP-1000 LVL1-FGP-1000 Datasheet
499Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FGP-1000 LVL1-FGP-1000_16 Datasheet
507Kb / 3P
   10-Port Fast Ethernet PoE Switch, 1 x RJ45 Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
More results

Similar Description - FGP-1001-0501-2-0FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XXXCXXXDXXN-M71RC ETC2-XXXCXXXDXXN-M71RC Datasheet
200Kb / 1P
   HEADER .100PITCH, 2 ROWS, RA
XXXCXXXDXXN-RC ETC2-XXXCXXXDXXN-RC Datasheet
205Kb / 1P
   HEADER .100 PITCH, 2 ROWS, STRAIGHT
NRPN072PAEN-RC ETC2-NRPN072PAEN-RC Datasheet
304Kb / 1P
   HEADER,MALE 2MM CC, 2 ROWS, ST
PPTC132LJBN ETC2-PPTC132LJBN Datasheet
300Kb / 1P
   HEADER FEMALE, 2.54mm CC, 2 ROWS, RA
logo
Yamaichi Electronics Co...
NFP-10G-0100BF YAMAICHI-NFP-10G-0100BF Datasheet
46Kb / 1P
   IDC Transition Header (1.27mm Pitch)
logo
Tyco Electronics
2-1440001-7 MACOM-2-1440001-7 Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
2-1440001-1 MACOM-2-1440001-1 Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
logo
Wurth Elektronik GmbH &...
61202022323 WURTH-61202022323 Datasheet
810Kb / 6P
   WR-BHD Board to Cable Transition Connector
002.000
logo
Tyco Electronics
OSA-SS-224DM3 MACOM-OSA-SS-224DM3 Datasheet
126Kb / 2P
   2 Pole Miniature Power PC Board Relay
OMI2POLE MACOM-OMI2POLE Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com