Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDP068-004-BF Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # NDP068-004-BF
Description  90째 180째 Solder Dip Plug (1.27mm Pitch)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NDP068-004-BF Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  NDP068-004-BF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NDP068-004-BF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-64
Specifications
Insulation Resistance:
500M
Ω min. at 500V DC
Withstanding Voltage:
500V ACrms for 1 minute
Contact Resistance:
35m
Ω max. at 10mA
Current Rating:
0.5A
Operating Temp. Range: –55°C to +85°C
Mating Cycles:
500 insertions
Soldering Temp.:
260°C / 5 sec.
Materials and Finish
Housing: PPS (glass filled), UL 94V-0 rated
Contacts: Copper Alloy
Plating:
Mating Face Contacts - Au over Ni
Solder Terminals - Au over Ni
Features
Low insertion and extraction forces due to bellows type contacts
For 50 Leads only
NDP
050 - 004 - BF
Part Number (Details)
Series (plug)
No. of Leads
Terminal Type:
4 = Straight Solder Dip
Contact Plating:
Mating Face - Au (0.3µm min.) over Ni
Solder Terminals - Au (0.05µm min.) over Ni
For All Other Leads
Outline Dimensions
Recommended PCB Layout
Top View
Contact Details
Standard types
For the following versions below please contact Yamaichi,
minimum order quantity may be required
NDP068-004-BF
68
49.07
46.87
41.91
53.75
59.25
NDP100-004-BF
100
69.39
67.19
62.23
74.04
79.57
NDP128-004-BF
128
87.17
84.97
80.01
91.85
97.35
NDP036-004-BF
36
28.75
26.55
21.59
33.43
38.93
NDP050-004-BF
50
37.64
35.44
30.48
42.32
47.82
Series NDP
180° Solder Dip Plug (1.27mm Pitch)
Part Number
No. of Leads
A
B
C
D
E


Similar Part No. - NDP068-004-BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDP06N60Z ONSEMI-NDP06N60Z Datasheet
143Kb / 6P
   NDP06N60Z
June, 2009 ??Rev. 0
logo
Inchange Semiconductor ...
NDP06N60Z ISC-NDP06N60Z Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDP06N60ZG ONSEMI-NDP06N60ZG Datasheet
143Kb / 6P
   NDP06N60Z
June, 2009 ??Rev. 0
NDP06N62Z ONSEMI-NDP06N62Z Datasheet
147Kb / 6P
   N-Channel Power MOSFET 620 V, 0.98 ,
April, 2010 ??Rev. 0
logo
Inchange Semiconductor ...
NDP06N62Z ISC-NDP06N62Z Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDP068-004-BF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NDS050-002-BF YAMAICHI-NDS050-002-BF Datasheet
82Kb / 2P
   90째 180째 Solder Dip Socket (1.27mm Pitch)
NFP-10A-0122BF YAMAICHI-NFP-10A-0122BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
NFP-10A-0132BF YAMAICHI-NFP-10A-0132BF Datasheet
67Kb / 2P
   90째 180째 Solder Dip Box Header (1.27mm Pitch)
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
DD-15PNT-S-IE YAMAICHI-DD-15PNT-S-IE Datasheet
48Kb / 1P
   180째 Solder Dip (Male / Female)
DRA-09S11 YAMAICHI-DRA-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
NDP050-003-BF YAMAICHI-NDP050-003-BF Datasheet
88Kb / 1P
   90째 SMT Type Plug (1.27mm Pitch)
NCS036-D002-K13289 YAMAICHI-NCS036-D002-K13289 Datasheet
60Kb / 1P
   Dual Port - 90째 Solder Dip Sockets
DVIS024T-002-BS1 YAMAICHI-DVIS024T-002-BS1 Datasheet
95Kb / 2P
   DVI Receptacle Connector (90째 Solder Dip)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com