Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48IMS6-1212-9 Datasheet(PDF) 9 Page - Power-One

Part # 48IMS6-1212-9
Description  6 Watt SMD and through hole DC/DC converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMS6-1212-9 Datasheet(HTML) 9 Page - Power-One

Back Button 48IMS6-1212-9 Datasheet HTML 5Page - Power-One 48IMS6-1212-9 Datasheet HTML 6Page - Power-One 48IMS6-1212-9 Datasheet HTML 7Page - Power-One 48IMS6-1212-9 Datasheet HTML 8Page - Power-One 48IMS6-1212-9 Datasheet HTML 9Page - Power-One 48IMS6-1212-9 Datasheet HTML 10Page - Power-One 48IMS6-1212-9 Datasheet HTML 11Page - Power-One 48IMS6-1212-9 Datasheet HTML 12Page - Power-One 48IMS6-1212-9 Datasheet HTML 13Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Fig. 18
Typical disturbance voltage (quasi-peak) at the input ac-
cording to CISPR 11/EN 55011 and CISPR 22/EN 55022,
measured at Ui nom and Io nom. Output leads 0.1 m, twisted.
External capacitor at the input required (see: Recommen-
dations for compliance with EN 55022). (48 IMS6-1515-9)
Fig. 19
Typical radio frequency interference voltage at Ui nom,
Io nom, measured with an antenna (distance 10 m). Output
leads 0.1 m, twisted (48 IMS6-1515-9).
07033
EN 55022 A
EN 55022 B
90
80
70
60
50
40
30
20
10
0
[dB V]
MHz
EN 55022 B
50
40
30
20
10
0
Frequency [MHz]
[dB V/m]
07034
Electromagnetic Emission
Conducted RFI noise at input according to EN 55022
Radiated RFI noise according to EN 55022.
Mechanical Data
Dimensions in mm. Tolerances 0.3 mm unless otherwise indicated.
European
Projection
Fig. 20
Case DIL 24, for IMS6
Weight: <10 g
33
1
min. 3
12
13
24
11 x 2.54 = 27.94
09042
Measuring point of
case temperature
TC
0.5
Edition 1 06.00
Industrial Environment
DC/DC Converters < 40W
IMS6 Series


Similar Part No. - 48IMS6-1212-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
48IMS15 BEL-48IMS15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-05-9 POWER-ONE-48IMS15-05-05-9 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
48IMS15-05-05-9 BEL-48IMS15-05-05-9 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-9R POWER-ONE-48IMS15-05-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
48IMS15-0503-9R POWER-ONE-48IMS15-0503-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 48IMS6-1212-9

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com