Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ10504TZ-ADJ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMZ10504TZ-ADJ
Description  4A SIMPLE SWITCHER짰Power Module with 5.5V Maximum Input Voltage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ10504TZ-ADJ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMZ10504TZ-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ10504TZ-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ10504TZ-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LMZ10504TZ-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LMZ10504TZ-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LMZ10504TZ-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LMZ10504TZ-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LMZ10504TZ-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LMZ10504TZ-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Estimate Power Dissipation And
Board Thermal Requirements
Use the current derating curves in the typical performance
characteristics section to obtain an estimate of power loss
(P
IC_LOSS). For the design case of VIN = 5V, VOUT = 2.5V,
I
OUT = 4A, TA(MAX) = 85°C , and TJ(MAX) = 125°C, the device
must see a thermal resistance from case to ambient (
θ
CA) of
less than:
Given the typical thermal resistance from junction to case
(
θ
JC) to be 1.9°C/W (typ.). Continuously operating at a TJ
greater than 125°C will have a shorten life span.
To reach
θ
CA = 41°C/W, the PCB is required to dissipate heat
effectively. With no airflow and no external heat, a good esti-
mate of the required board area covered by 1oz. copper on
both the top and bottom metal layers is:
As a result, approximately 12 square cm of 1oz. copper on
top and bottom layers is required for the PCB design.
The PCB copper heat sink must be connected to the exposed
pad (EP). Approximately thirty six, 10mils (254
μm) thermal
vias spaced 59mils (1.5 mm) apart must connect the top cop-
per to the bottom copper. For an extended discussion and
formulations of thermal rules of thumb, refer to AN-2020 and
for an example of a high thermal performance PCB layout,
refer to the evaluation board application note AN-2022.
PC Board Layout Guidelines
PC board layout is an important part of DC-DC converter de-
sign. Poor board layout can disrupt the performance of a DC-
DC converter and surrounding circuitry by contributing to EMI,
ground bounce and resistive voltage drop in the traces. These
can send erroneous signals to the DC-DC converter resulting
in poor regulation or instability. Good layout can be imple-
mented by following a few simple design rules.
30088253
FIGURE 1. High Current Loops
1. Minimize area of switched current loops.
From an EMI reduction standpoint, it is imperative to minimize
the high di/dt current paths. The high current that does not
overlap contains high di/dt, see Figure 1. Therefore physically
place input capacitor (C
in1) as close as possible to the
LMZ10504 VIN pin and GND exposed pad to avoid observ-
able high frequency noise on the output pin. This will minimize
the high di/dt area and reduce radiated EMI. Additionally,
grounding for both the input and output capacitor should con-
sist of a localized top side plane that connects to the GND
exposed pad (EP).
2. Have a single point ground.
The ground connections for the feedback, soft-start, and en-
able components should be routed only to the GND pin of the
device. This prevents any switched or load currents from
flowing in the analog ground traces. If not properly placed,
poor grounding can result in degraded load regulation or er-
ratic output voltage ripple behavior. Provide the single point
ground connection from pin 4 to EP.
3. Minimize trace length to the FB pin.
Both feedback resistors, R
fbt and Rfbb, and the compensation
components, R
comp and Ccomp, should be located close to the
FB pin. Since the FB node is high impedance, keep the copper
area as small as possible. This is most important as relatively
high value resistors are used to set the output voltage.
4. Make input and output bus connections as wide as
possible.
This reduces any voltage drops on the input or output of the
converter and maximizes efficiency. To optimize voltage ac-
curacy at the load, ensure that a separate feedback voltage
sense trace is made at the load. Doing so will correct for volt-
age drops and provide optimum output accuracy.
5. Provide adequate device heat-sinking.
Use an array of heat-sinking vias to connect the exposed pad
to the ground plane on the bottom PCB layer. If the PCB has
multiple copper layers, thermal vias can also be employed to
make connection to inner layer heat-spreading ground
planes. For best results use a 6 x 6 via array with minimum
via diameter of 10mils (254
μm) thermal vias spaced 59mils
(1.5 mm). Ensure enough copper area is used for heat-sinking
to keep the junction temperature below 125°C.
11
www.national.com


Similar Part No. - LMZ10504TZ-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10504TZ-ADJ NSC-LMZ10504TZ-ADJ Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum
logo
Texas Instruments
LMZ10504TZ-ADJ/NOPB TI-LMZ10504TZ-ADJ/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10504TZ-ADJ/NOPB TI1-LMZ10504TZ-ADJ/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
More results

Similar Description - LMZ10504TZ-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_1 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
LMZ10504 NSC-LMZ10504 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum
LMZ10505_1006 NSC-LMZ10505_1006 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10504EXT NSC-LMZ10504EXT Datasheet
1Mb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com