Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8718 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8718
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8718 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8718 Datasheet HTML 5Page - Texas Instruments DAC8718 Datasheet HTML 6Page - Texas Instruments DAC8718 Datasheet HTML 7Page - Texas Instruments DAC8718 Datasheet HTML 8Page - Texas Instruments DAC8718 Datasheet HTML 9Page - Texas Instruments DAC8718 Datasheet HTML 10Page - Texas Instruments DAC8718 Datasheet HTML 11Page - Texas Instruments DAC8718 Datasheet HTML 12Page - Texas Instruments DAC8718 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
DAC8718
www.ti.com
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS: Single-Supply (continued)
All specifications at TA = TMIN to TMAX, AVDD = +32V, AVSS = 0V, IOVDD = DVDD = +5V, REF-A and REF-B = +5V, gain = 6,
AGND-x = DGND = 0V, data format = straight binary, and OFFSET-A = OFFSET-B = AGND, unless otherwise noted.
DAC8718
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL OUTPUT(17)
IOVDD = +2.7V to +5.5V, sourcing 1mA
IOVDD – 0.4
IOVDD
V
High-level output voltage, VOH
(SDO)
IOVDD = +1.8V, sourcing 200μA
1.6
IOVDD
V
IOVDD = +2.7V to +5.5V, sinking 1mA
0
0.4
V
Low-level output voltage, VOL
(SDO)
IOVDD = +1.8V, sinking 200μA
0
0.2
V
GPIO-n output voltage low, VOL
1mA sink from IOVDD
0.15
V
GPIO-n output voltage high, VOH 10kΩ pull-up resistor to IOVDD
0.99 × IOVDD
V
High-impedance leakage current SDO and GPIO-n
±5
μA
SDO
5
pF
High-impedance output
capacitance
GPIO-n
14
pF
POWER SUPPLY
AVDD
+9
+36
V
DVDD
+2.7
+5.5
V
IOVDD
(18)
+1.8
+5.5
V
Normal operation, midscale code, output unloaded
4.5
7
mA
AIDD
Power down, output unloaded
35
µA
Normal operation
70
μA
DIDD
Power down
36
μA
Normal operation, VIH = IOVDD, VIL = DGND
5
μA
IOIDD
Power down, VIH = IOVDD, VIL = DGND
5
μA
Power dissipation
Normal operation
140
225
mW
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(17) Specified by design.
(18) IOVDD ≤ DVDD.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC8718


Similar Part No. - DAC8718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI1-DAC8218_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com