Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8718 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8718
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8718 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8718 Datasheet HTML 1Page - Texas Instruments DAC8718 Datasheet HTML 2Page - Texas Instruments DAC8718 Datasheet HTML 3Page - Texas Instruments DAC8718 Datasheet HTML 4Page - Texas Instruments DAC8718 Datasheet HTML 5Page - Texas Instruments DAC8718 Datasheet HTML 6Page - Texas Instruments DAC8718 Datasheet HTML 7Page - Texas Instruments DAC8718 Datasheet HTML 8Page - Texas Instruments DAC8718 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
DAC8718
www.ti.com
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS: Dual-Supply (continued)
All specifications at TA = TMIN to TMAX, AVDD = +16.5V, AVSS = –16.5V, IOVDD = DVDD = +5V, REF-A and REF-B = +5V,
gain = 6, AGND-x = DGND = 0V, data format = straight binary, and Offset DAC A and Offset DAC B are at default values
(1),
unless otherwise noted.
DAC8718
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET DAC OUTPUT(15) (16)
Voltage output
VREF = +5V
0
5
V
Full-scale error
TA = +25°C
±4
LSB
Zero-code error
TA = +25°C
±2
LSB
Linearity error
±6
LSB
Differential linearity error
±1
LSB
ANALOG MONITOR PIN (VMON)
Output impedance(17)
TA = +25°C
2
k
Three-state leakage current
100
nA
AUXILIARY ANALOG INPUT
Input range
AVSS
AVDD
V
Input impedance
TA = +25°C
2
k
Ω
(AIN-x to VMON)
Input capacitance(15)
4
pF
Input leakage current
30
nA
REFERENCE INPUT
Reference input voltage range(18)
1.0
5.5
V
Reference input dc impedance
10
M
Reference input capacitance(15)
10
pF
DIGITAL INPUT(15)
IOVDD = +4.5V to +5.5V
3.8
0.3 + IOVDD
V
High-level input voltage, VIH
IOVDD = +2.7V to +3.3V
2.3
0.3 + IOVDD
V
IOVDD = +1.7V to 2.0V
1.5
0.3 + IOVDD
V
IOVDD = +4.5V to +5.5V
–0.3
0.8
V
Low-level input voltage, VIL
IOVDD = +2.7V to +3.3V
–0.3
0.6
V
IOVDD = +1.7V to 2.0V
–0.3
0.3
V
CLR, LDAC, RST, CS, and SDI
±1
μA
Input current
USB/BTC, RSTSEL, and GPIO-n
±5
μA
CLR, LDAC, RST, CS, and SDI
5
pF
Input capacitance
USB/BTC and RSTSEL
12
pF
GPIO-n
14
pF
DIGITAL OUTPUT(15)
IOVDD = +2.7V to +5.5V, sourcing 1mA
IOVDD – 0.4
IOVDD
V
High-level output voltage, VOH
(SDO)
IOVDD = +1.8V, sourcing 200μA
1.6
IOVDD
V
IOVDD = +2.7V to +5.5V, sinking 1mA
0
0.4
V
Low-level output voltage, VOL
(SDO)
IOVDD = +1.8V, sinking 200μA
0
0.2
V
GPIO-n output voltage low, VOL
1mA sink from IOVDD
0.15
V
GPIO-n output voltage high, VOH
10k
Ω pull-up resistor to IOVDD
0.99 × IOVDD
V
High-impedance leakage current
SDO and GPIO-n
±5
μA
SDO
5
pF
High-impedance output
capacitance
GPIO-n
14
pF
(15) Specified by design.
(16) Offset DAC A and Offset DAC B are trimmed in manufacturing to minimize the error for symmetrical output. The default value may vary
no more than ±10 LSB from the nominal number listed in Table 7. The Offset DAC pins are not intended to drive an external load, and
must not be connected during dual-supply operation.
(17) 8k
Ω when VMON is connected to Reference Buffer A or B, and 4kΩ when VMON is connected to Offset DAC-A or -B.
(18) Reference input voltage
≤ DVDD.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC8718


Similar Part No. - DAC8718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI1-DAC8218_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com