Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX35-12-12-9 Datasheet(PDF) 3 Page - Power-One

Part # 20IMX35-12-12-9
Description  35 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

20IMX35-12-12-9 Datasheet(HTML) 3 Page - Power-One

  20IMX35-12-12-9 Datasheet HTML 1Page - Power-One 20IMX35-12-12-9 Datasheet HTML 2Page - Power-One 20IMX35-12-12-9 Datasheet HTML 3Page - Power-One 20IMX35-12-12-9 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.com
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
IMX 35 Series
35 Watt DC-DC Converters
IMX 35
IMX 35 (option Z)
63.5 (2.5")
S09121
76.2 (3")
0.8 (0.03")
1
2
3
4
5
6
7
8
11
12
13
14
15
16
17
18
19
S09123
63.5 (2.5")
76.2 (3")
0.8 (0.03")
1
2
3
4
5
6
7
8
11
12
13
14
15
16
17
18
19


Similar Part No. - 20IMX35-12-12-9

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX35 POWER-ONE-20IMX35 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
20IMX35D05D05-8 POWER-ONE-20IMX35D05D05-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
20IMX35D05D05-8G BEL-20IMX35D05D05-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
20IMX35D05D12-8 POWER-ONE-20IMX35D05D12-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
20IMX35D05D12-8G BEL-20IMX35D05D12-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results

Similar Description - 20IMX35-12-12-9

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
110IMX35D15D15-8 POWER-ONE-110IMX35D15D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com