Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48IMS6-12-9 Datasheet(PDF) 5 Page - Power-One

Part # 48IMS6-12-9
Description  6 Watt SMD and through hole DC/DC converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMS6-12-9 Datasheet(HTML) 5 Page - Power-One

  48IMS6-12-9 Datasheet HTML 1Page - Power-One 48IMS6-12-9 Datasheet HTML 2Page - Power-One 48IMS6-12-9 Datasheet HTML 3Page - Power-One 48IMS6-12-9 Datasheet HTML 4Page - Power-One 48IMS6-12-9 Datasheet HTML 5Page - Power-One 48IMS6-12-9 Datasheet HTML 6Page - Power-One 48IMS6-12-9 Datasheet HTML 7Page - Power-One 48IMS6-12-9 Datasheet HTML 8Page - Power-One 48IMS6-12-9 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Industrial Environment
DC/DC Converters < 40W
IMS6 Series
Edition 1 06.00
Uo nom
Uo
tstart up
trise
t
04008
Fig. 7
Converter start-up and rise time
1 A/Div.
5 s/Div.
04034
0
1
2
3
4
Inrush Current
The inrush current has been kept as low as possible by
choosing a very small input capacitance. A series resistor
may be inserted in the input line to limit this current further.
Fig. 8
Typical inrush current at Ui nom, Po nom versus time
(48 IMS6 ) measured according to prETS 300132-2,
version 4.3.
Reverse Polarity Protection at Input
The suppressor diode on the input also provides for reverse
polarity protection by conducting current in the reverse di-
rection, thus protecting the unit. An external fuse is required
to limit this current:
– For 24 IMS 6 a fast 0.63 A (F0.63A) fuse is recommended
– For 48 IMS 6 a fast 0.35 A (F035A) fuse is recommended
Filter recommendations for compliance with EN 55022
Electromagnetic emission requirements according to table
Input data can be achieved by adding an external capacitor
as close as possible to the input terminals.
Fig. 9
Input filter arrangement
Vi+
Vi–
Ci
04035
Table 3: Input filter components (EN 55022)
Ref.
24 IMS 6
48 IMS 6
C1
,
2.2
F, 100 V,
2.2 F, 150 V,
Type
ceramic or film


Similar Part No. - 48IMS6-12-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
48IMS15 BEL-48IMS15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-05-9 POWER-ONE-48IMS15-05-05-9 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
48IMS15-05-05-9 BEL-48IMS15-05-05-9 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-9R POWER-ONE-48IMS15-05-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
48IMS15-0503-9R POWER-ONE-48IMS15-0503-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 48IMS6-12-9

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com