Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08055A101DA77A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08055A101DA77A
Description  C0G (NP0) Dielectric General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055A101DA77A Datasheet(HTML) 4 Page - AVX Corporation

  08055A101DA77A Datasheet HTML 1Page - AVX Corporation 08055A101DA77A Datasheet HTML 2Page - AVX Corporation 08055A101DA77A Datasheet HTML 3Page - AVX Corporation 08055A101DA77A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
Cap
0.5
(pF)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
J
12
J
15
J
18
J
22
J
27
J
33
J
39
J
47
J
56
J
68
J
82
J
100
J
120
J
150
J
180
J
220
J
270
J
330
J
390
M
470
M
560
J
J
J
J
M
680
J
J
J
J
M
820
J
J
J
J
M
1000
J
J
J
J
M
K
K
K
K
M
M
M
M
M
M
P
1200
J
J
J
M
M
K
K
K
K
M
M
M
M
M
M
P
1500
J
J
J
M
M
K
K
K
K
M
M
M
M
M
M
P
1800
J
J
J
M
K
K
K
K
M
M
M
M
M
M
P
2200
J
J
J
Q
K
K
K
K
P
M
M
M
M
M
P
2700
J
J
J
Q
K
K
K
P
Q
M
M
M
M
M
P
3300
J
J
J
K
K
K
P
Q
M
M
M
X
M
M
P
3900
J
J
M
K
K
K
P
Q
M
M
M
X
M
M
P
4700
J
J
M
K
K
K
P
Q
M
M
M
X
X
X
M
M
P
5600
J
J
K
K
M
P
X
M
M
M
X
X
X
M
M
P
6800
J
J
K
K
M
X
M
M
M
X
X
X
M
M
P
8200
J
J
K
M
M
M
M
X
X
X
M
M
P
Cap
0.010
J
J
K
M
M
M
M
X
X
X
M
M
P
(μF)
0.012
J
J
K
M
M
M
X
X
X
M
M
P
0.015
M
M
M
M
X
X
X
M
M
Y
0.018
M
M
P
M
X
X
X
M
M
Y
0.022
M
M
P
X
X
M
Y
Y
0.027
M
M
P
X
X
P
Y
Y
0.033
M
M
P
X
X
P
0.039
M
M
P
Y
P
0.047
M
M
P
Y
P
0.068
M
M
P
0.082
M
M
Q
0.1
Q
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
SIZE
1210
1812
1825
2220
2225
L
W
T
t
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 08055A101DA77A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08055A101DA77A AVX-08055A101DA77A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
08055A101DA77A AVX-08055A101DA77A Datasheet
134Kb / 4P
   General Specifications
08055A101DA77A AVX-08055A101DA77A Datasheet
134Kb / 4P
   General Specifications
08055A101DA77A AVX-08055A101DA77A Datasheet
139Kb / 4P
   General Specifications
08055A101DA77A AVX-08055A101DA77A Datasheet
134Kb / 4P
   General Specifications
More results

Similar Description - 08055A101DA77A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
08055A471JAT2A ETC2-08055A471JAT2A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
logo
AVX Corporation
06033A102JAT2A AVX-06033A102JAT2A Datasheet
124Kb / 4P
   C0G (NP0) Dielectric General Specifications
08055A102JAT4A AVX-08055A102JAT4A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric General Specifications
08055A270JAT2A AVX-08055A270JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric General Specifications
06035A470JAT2A AVX-06035A470JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric General Specifications
04025A240FAT2A AVX-04025A240FAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric General Specifications
08051A330JAT2A AVX-08051A330JAT2A Datasheet
124Kb / 4P
   C0G (NP0) Dielectric General Specifications
0402ZA100JAT2A AVX-0402ZA100JAT2A Datasheet
124Kb / 4P
   C0G (NP0) Dielectric General Specifications
04025A471JAT2A AVX-04025A471JAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric General Specifications
04025A2R2BAT2A AVX-04025A2R2BAT2A Datasheet
124Kb / 4P
   C0G (NP0) Dielectric General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com