Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMZ3.9K Datasheet(PDF) 1 Page - Rohm

Part # UMZ3.9K
Description  Zener diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMZ3.9K Datasheet(HTML) 1 Page - Rohm

  UMZ3.9K Datasheet HTML 1Page - Rohm UMZ3.9K Datasheet HTML 2Page - Rohm UMZ3.9K Datasheet HTML 3Page - Rohm UMZ3.9K Datasheet HTML 4Page - Rohm UMZ3.9K Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UMZ20K
Diodes
1/4
Zener diodes
UMZ20K
Applications
Constant voltage control
Features
1) Ultra Small mold type.
(UMD4)
2) High reliability
Construction
Silicon epitaxial planar
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25 C)
JEDEC : SOT-343
ROHM : UMD4
JEITA : SC-82
dot (year week factory)
1Pin Mark
Each lead has same dimension
UMD4
0.7
0.05
1.3
0.6
Symbol
Unit
PmW
Tj
Tstg
Topr
Limits
150
-55 to +150
Parameter
Junction temperature
Storage temperature
Power dissipation
200
Operating temperature
-55 to +150


Similar Part No. - UMZ3.9K

ManufacturerPart #DatasheetDescription
logo
Rohm
UMZ3.9K ROHM-UMZ3.9K Datasheet
138Kb / 5P
   Zener diodes
UMZ3.9K ROHM-UMZ3.9K Datasheet
138Kb / 5P
   Zener diodes
UMZ3.9K ROHM-UMZ3.9K Datasheet
137Kb / 5P
   Zener diodes
UMZ3.9K ROHM-UMZ3.9K Datasheet
2Mb / 10P
   Zener Diode
UMZ3.9K ROHM-UMZ3.9K Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - UMZ3.9K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com