Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11-21SURC-S530-A3-TR8 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 11-21SURC-S530-A3-TR8
Description  1206 Package Chip LED with Inner lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

11-21SURC-S530-A3-TR8 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 11-21SURC-S530-A3-TR8_1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 11-21SURC-S530-A3-TR8_1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 11-21SURC-S530-A3-TR8_1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 11-21SURC-S530-A3-TR8_1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 11-21SURC-S530-A3-TR8_1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 11-21SURC-S530-A3-TR8_1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 11-21SURC-S530-A3-TR8_1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 11-21SURC-S530-A3-TR8_1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 11-21SURC-S530-A3-TR8_1 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
11-21SURC/S530-A3/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 10 of 10
Device No:SZDSE-111-007
Prepared date: 25-Oct-2007
Prepared by: Zhouhua
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of
the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 11-21SURC-S530-A3-TR8_1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
11-21SURC-S530-A2-TR8 EVERLIGHT-11-21SURC-S530-A2-TR8 Datasheet
168Kb / 9P
   Technical Data Sheet 1206 Package Chip LEDs with Inner Lens
More results

Similar Description - 11-21SURC-S530-A3-TR8_1

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
   1206 Package Chip LED with Inner Lens
logo
Everlight Electronics C...
11-21-G6C-FN2P2B-2T EVERLIGHT-11-21-G6C-FN2P2B-2T Datasheet
254Kb / 10P
   1206 Package Chip LED with Inner lens
11-21-R6C-AP1Q2LZ-2T EVERLIGHT-11-21-R6C-AP1Q2LZ-2T Datasheet
235Kb / 10P
   1206 Package Chip LED with Inner lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-R6C-AP1Q2LZ-2T TO-GRACE-11-21-R6C-AP1Q2LZ-2T Datasheet
1Mb / 10P
   1206 Package Chip LED with Inner lens
11-21-Y2C-CP2Q2B-2T TO-GRACE-11-21-Y2C-CP2Q2B-2T Datasheet
595Kb / 10P
   1206 Package Chip LED with Inner lens
logo
Everlight Electronics C...
11-21-BHC-YR1S1-2T EVERLIGHT-11-21-BHC-YR1S1-2T Datasheet
138Kb / 10P
   1206 Package Chip LED with Inner Lens
11-21-G6C-BQ1R2B-2T EVERLIGHT-11-21-G6C-BQ1R2B-2T Datasheet
221Kb / 10P
   1206 Package Chip LED with Inner lens
11-21-Y2C-CP2Q2B-2T EVERLIGHT-11-21-Y2C-CP2Q2B-2T Datasheet
146Kb / 10P
   1206 Package Chip LED with Inner lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-BHC-AP2R1-2T TO-GRACE-11-21-BHC-AP2R1-2T Datasheet
789Kb / 10P
   1206 Package Chip LED with Inner lens
logo
Everlight Electronics C...
11-21-R6C-AR2S2B-2T EVERLIGHT-11-21-R6C-AR2S2B-2T Datasheet
142Kb / 10P
   1206 Package Chip LED with Inner Lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-G6C-FN2P2B-2T TO-GRACE-11-21-G6C-FN2P2B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED with Inner lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com