Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMS7 Datasheet(PDF) 2 Page - Power-One

Part # IMS7
Description  7 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMS7 Datasheet(HTML) 2 Page - Power-One

  IMS7 Datasheet HTML 1Page - Power-One IMS7 Datasheet HTML 2Page - Power-One IMS7 Datasheet HTML 3Page - Power-One IMS7 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Edition 3/04.2001
Board Mountable
IMS 7 Series
Input
Input voltage range
24 IMS 7
14...36 V DC
48 IMS 7
36...75 V DC
Output
Output voltage setting accuracy
Ui nom, 50% lo nom, single output models
±1% U
o nom
Ui nom, 50% lo nom, double output, main/aux. output
±1.5% U
o nom
Minimum load
recommended for double output models
10%
lo nom
Line/load regulation
Ui min...Ui max, 50% lo nom, single output models
±1% U
o nom
Line regulation
Ui nom, 50% lo nom, double output models, main output
±1% U
o nom
Load regulation
Ui nom, 10...100% lo nom, double output models
±3% U
o nom
tracking output
±3% U
o nom
Output voltage switching noise
Ui nom, 0...100% lo nom, peak-peak, total
max. 1.5%
Uo nom
Efficiency
Ui nom, lo nom
up to 84 %
Control and protection
Input protection
suppressor diode
Overload protection
Ui min...Ui max, any load fully protected, hiccup mode
No-load protection
yes
Remote shut down
TTL-compatible inhibit input
disabled with
≥2.4 V
Trim input for
Uo
yes
Safety and EMC
Electric strength test voltage
I/O
1500 V DC
Electromagnetic interference
class B
Environmental
Operating ambient temperature
Ui nom, lo nom
–40...71
°C
Storage temperature
non operational
–40...100
°C
Relative humidity
non condensing
93 %
MTBF
GB 40°C, MIL-HDBK-217F, N2
1'650'000 h
Options
SMD version
with pins
M
SMD version
with PCB lid
L
Open frame version
Z
C-pinout
C
Accessories
DIN and chassis mounting bracket


Similar Part No. - IMS7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IMS7 BEL-IMS7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - IMS7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com