Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48IMS30-0302-9G Datasheet(PDF) 8 Page - Power-One

Part # 48IMS30-0302-9G
Description  Dual outputs 5V & 3.3V ; 3.3V & 1.8V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMS30-0302-9G Datasheet(HTML) 8 Page - Power-One

  48IMS30-0302-9G Datasheet HTML 1Page - Power-One 48IMS30-0302-9G Datasheet HTML 2Page - Power-One 48IMS30-0302-9G Datasheet HTML 3Page - Power-One 48IMS30-0302-9G Datasheet HTML 4Page - Power-One 48IMS30-0302-9G Datasheet HTML 5Page - Power-One 48IMS30-0302-9G Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
Immunity to Environmental Conditions
Table 9: Mechanical stress
Test method
Standard
Test conditions
Status
Ca
Damp heat
IEC/DIN IEC 60068-2-3
Temperature:
40 2 C
Unit not
steady state
MIL-STD-810D section 507.2
Relative humidity:
93 +2/-3 %
operating
Duration:
56 days
Ea
Shock
IEC/EN/DIN EN 60068-2-27
Acceleration amplitude:
50 gn = 490 m/s2
Unit
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
11 ms
operating
Number of bumps:
18 (3 each direction)
Eb
Bump
IEC/EN/DIN EN 60068-2-29
Acceleration amplitude:
25 gn = 245 m/s2
Unit
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
11 ms
operating
Number of bumps:
6000 (1000 each direction)
Fc
Vibration
IEC/EN/DIN EN 60068-2-6
Acceleration amplitude:
0.35 mm (10...60 Hz)
Unit
(sinusoidal)
MIL-STD-810D section 514.3
5 gn = 49 m/s2 (60...2000 Hz)
operating
Frequency (1 Oct/min):
10...2000 Hz
Test duration:
7.5 h (2.5 h each axis)
Kb
Salt mist, cyclic
IEC/EN/DIN IEC 60068-2-52
Concentration:
5% (30 C)
Unit not
(sodium chloride
Duration:
2 h per cycle
operating
NaCl solution)
Storage:
40 C, 93% rel. humidity
Storage duration:
22 h per cycle
Number of cycles:
3
Table 10: Temperature specifications, valid for air pressure of 800...1200 hPa (800...1200 mbar)
Temperature
Standard -9G
Characteristics
Conditions
min
max
Unit
TA
Ambient temperature 1
Operational
–40
71
° C
TC
Case temperature
–40
105
TS
Storage temperature 1
Non operational
–55
105
1 MIL-STD-810D section 501.2 and 502.2
Table 11: MTBF
Values at specified
Type
Ground benign
Ground fixed
Ground mobile
Device hours
Unit
case temperature
25 C25 C55 C55 C
MTBF
48 IMS 30-0503-9G
927'229
331'251
179'831
272'260
n.a.
h
1 Statistical values based on an average of 4300 working hours per year and in general field use, over 2 years.
8/11


Similar Part No. - 48IMS30-0302-9G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
48IMS15 BEL-48IMS15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-05-9 POWER-ONE-48IMS15-05-05-9 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
48IMS15-05-05-9 BEL-48IMS15-05-05-9 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-9R POWER-ONE-48IMS15-05-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
48IMS15-0503-9R POWER-ONE-48IMS15-0503-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 48IMS30-0302-9G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17673AEVKIT MAXIM-MAX17673AEVKIT Datasheet
959Kb / 13P
   MAX17673A 5V, 3.3V, 1.8V Output Applications
Rev 0; 1/20
MAX17673EVKIT MAXIM-MAX17673EVKIT Datasheet
680Kb / 12P
   MAX17673 5V, 3.3V, 1.8V Output Applications
Rev 0; 11/18
logo
Murata Power Solutions ...
BWR33W MURATA-PS-BWR33W Datasheet
259Kb / 12P
   Regulated 3.3V and 5V outputs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Dallas Semiconductor
DS1836 DALLAS-DS1836 Datasheet
169Kb / 9P
   3.3V/5V MicroManager
logo
Maxim Integrated Produc...
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
   3.3V/5V MicroManager
121906
logo
Micrel Semiconductor
SY89420V MICREL-SY89420V Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
   3.3V & 5V VCXO
logo
Phihong USA Inc.
PSM202A PHIHONG-PSM202A Datasheet
148Kb / 2P
   18W Universal Input, Compact PCB, 3.3V/5V Outputs
logo
Micrel Semiconductor
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com