Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-U77-A1618-2X0X Datasheet(PDF) 3 Page - Amphenol Corporation

Part # P-U77-A1618-2X0X
Description  SFP 1X1 CAGE WITH 8 PRESS FIT / 12 EMI PINS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U77-A1618-2X0X Datasheet(HTML) 3 Page - Amphenol Corporation

  P-U77-A1618-2X0X Datasheet HTML 1Page - Amphenol Corporation P-U77-A1618-2X0X Datasheet HTML 2Page - Amphenol Corporation P-U77-A1618-2X0X Datasheet HTML 3Page - Amphenol Corporation P-U77-A1618-2X0X Datasheet HTML 4Page - Amphenol Corporation P-U77-A1618-2X0X Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - P-U77-A1618-2X0X

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U77-A1618-2XOX AMPHENOL-P-U77-A1618-2XOX Datasheet
1Mb / 5P
   d-sub technical data
More results

Similar Description - P-U77-A1618-2X0X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747370005 MOLEX1-0747370005 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.05mm Press-Fit Tails, with Flat EMI Pins
0747540102 MOLEX1-0747540102 Datasheet
43Kb / 1P
   SFP Cage, Single Port, EMI Spring Fingers, 2.28mm Press Fit Pins
logo
Amphenol Corporation
P-UE78-B1126 AMPHENOL-P-UE78-B1126 Datasheet
183Kb / 4P
   SFP STACKED COMBO WITH PRESS FIT PINS CONNECTOR AND CAGE)
logo
Molex Electronics Ltd.
0747540105 MOLEX1-0747540105 Datasheet
43Kb / 1P
   SFP Cage, Single Port, EMI Gasket, Underbelly EMI Spring Fingers, 3.05mm Press Fit Pins
logo
FCI connector
10099100-011LF FCI-CONNECTOR-10099100-011LF Datasheet
240Kb / 3P
   SFP 1X1 Cage EMI FINGER TYPE
logo
Molex Electronics Ltd.
0747230004 MOLEX1-0747230004 Datasheet
35Kb / 1P
   1-by-5 SFP Ganged Cage, Elastomeric Gasket, Underbelly EMI Pins, Underbelly EMI Fingers, Press-fit Pins, with Tabs
0747540620 MOLEX1-0747540620 Datasheet
35Kb / 1P
   SFP Cage, 1-by-6 Ganged, Front EMI Spring Fingers, 3.05mm Press Fit Pins
logo
Tyco Electronics
2007198 MACOM-2007198 Datasheet
325Kb / 2P
   SFP IXI CAGE ASSEMBLY, PRESS FIT, EXTERNAL EMI SPRINGS
1367629-1 MACOM-1367629-1 Datasheet
408Kb / 4P
   CAGE ASSEMBLY 20 PRESS FIT , SFP
2007178-1 MACOM-2007178-1 Datasheet
928Kb / 4P
   SFP IX4 CAGE ASSEMBLY PRESS FIT, EXTERNAL EMI SPRINGS WITH LIGHT PIPES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com