Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM524BC06DR-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XCM524BC06DR-G
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524BC06DR-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XCM524BC06DR-G Datasheet HTML 7Page - Torex Semiconductor XCM524BC06DR-G Datasheet HTML 8Page - Torex Semiconductor XCM524BC06DR-G Datasheet HTML 9Page - Torex Semiconductor XCM524BC06DR-G Datasheet HTML 10Page - Torex Semiconductor XCM524BC06DR-G Datasheet HTML 11Page - Torex Semiconductor XCM524BC06DR-G Datasheet HTML 12Page - Torex Semiconductor XCM524BC06DR-G Datasheet HTML 13Page - Torex Semiconductor XCM524BC06DR-G Datasheet HTML 14Page - Torex Semiconductor XCM524BC06DR-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11/52
XCM524
Series
■ELECTRICAL CHARACTERISTICS (Continued)
●PFM Switching Current (IPFM) by Oscillation Frequency and Output Voltage
1.2MHz
(mA)
SETTING VOLTAGE
MIN.
TYP.
MAX.
VDCOUT(T)≦1.2V
140
180
240
1.2V<VDCOUT(T)≦1.75V
130
170
220
1.8V≦VDCOUT(T)
120
160
200
3.0MHz
(mA)
SETTING VOLTAGE
MIN.
TYP.
MAX.
VDCOUT(T)≦1.2V
190
260
350
1.2V<VDCOUT(T)≦1.75V
180
240
300
1.8V≦VDCOUT(T)
170
220
270
●Measuring Maximum IPFM Limit, VIN2 Voltage
fOSC
1.2MHz
3.0MHz
(C-1)
VDCOUT(T)+0.5V
VDCOUT(T)+1.0V
Minimum operating voltage is 2.7V
Although when VDCOUT(T)=1.2V, fOSC=1.2MHz, (C-1)=1.7V the (C-1) becomes 2.7V because of the minimum operating voltage 2.7V.
●Soft-Start Time Chart (XCM524xC/ XCM524xD Series Only)
PRODUCT SERIES
fOSC
OUTPUT VOLTAGE
MIN.
TYP.
MAX.
1.2MHz
0.8V≦VDCOUT(T)<1.5V
-
250μs
400μs
1.2MHz
1.5V≦VDCOUT(T)<1.8V
-
320μs
500μs
1.2MHz
1.8V≦VDCOUT(T)<2.5V
-
250μs
400μs
XCM524AC
1.2MHz
2.5V≦VDCOUT(T)≦4.0V
-
320μs
500μs
1.2MHz
0.8V≦VDCOUT(T)<2.5V
-
250μs
400μs
XCM524BC
1.2MHz
2.5V≦VDCOUT(T)≦4.0V
-
320μs
500μs
3.0MHz
0.8V≦VDCOUT(T)<1.8V
-
250μs
400μs
XCM524xD
3.0MHz
1.8V≦VDCOUT(T)≦4.0V
-
320μs
500μs
■TYPICAL APPLICATION CIRCUIT
● DC/DC BLOCK fOSC=3.0MHz
CIN1
:
1μF
(Ceramic)
CL1
:
1μF
(Ceramic)
L
:
1.5μH (NR3015 TAIIYO YUDEN)
CIN2
:
4.7μF (Ceramic)
CL2
:
10μF (Ceramic)
● DC/DC BLOCK fOSC =1.2MHz
CIN1
:
1μF
(Ceramic)
CL1
:
1μF
(Ceramic)
L
:
4.7μH (NR4018 TAIIYO YUDEN)
CIN2
:
4.7μF
(Ceramic)
CL2
:
10μF
(Ceramic)
L
VIN
CIN2
7
8
9
10
3
4
5
6
NC
Lx
VIN1
EN2
AGND
DCOUT
11
12
2
1
VSS
Cd
PGND
VIN2
CIN1
CL2
CL1
VDCOUT
EN2
VDOUT
VROUT
Rpull-up
Cd
VROUT
VDOUT


Similar Part No. - XCM524BC06DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results

Similar Description - XCM524BC06DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com