Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6224B08BNR-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6224B08BNR-G
Description  150mA High Speed LDO Voltage Regulator with ON/OFF Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6224B08BNR-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6224B08BNR-G Datasheet HTML 2Page - Torex Semiconductor XC6224B08BNR-G Datasheet HTML 3Page - Torex Semiconductor XC6224B08BNR-G Datasheet HTML 4Page - Torex Semiconductor XC6224B08BNR-G Datasheet HTML 5Page - Torex Semiconductor XC6224B08BNR-G Datasheet HTML 6Page - Torex Semiconductor XC6224B08BNR-G Datasheet HTML 7Page - Torex Semiconductor XC6224B08BNR-G Datasheet HTML 8Page - Torex Semiconductor XC6224B08BNR-G Datasheet HTML 9Page - Torex Semiconductor XC6224B08BNR-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/26
XC6224 Series
OUTPUT VOLTAGE
(*1)
(V)
DROPOUT VOLTAGE (E-1)
(mV)
NOMINAL
OUTPUT
VOLTAGE (V)
VOUT(E)
Vdif
VOUT(T)
MIN.
MAX.
TYP.
MAX.
0.80
0.7800
0.8200
-
-
0.85
0.8300
0.8700
-
-
0.90
0.8800
0.9200
-
-
0.95
0.9300
0.9700
-
-
1.00
0.9800
1.0200
-
-
1.05
1.0300
1.0700
-
-
1.10
1.0800
1.1200
-
-
1.15
1.1300
1.1700
-
-
1.20
1.1800
1.2200
1.25
1.2313
1.2687
1.30
1.2805
1.3195
1.35
1.3298
1.3702
1.40
1.3790
1.4210
1.45
1.4283
1.4717
1.50
1.4775
1.5225
1.55
1.5268
1.5732
1.60
1.5760
1.6240
1.65
1.6253
1.6747
1.70
1.6745
1.7255
1.75
1.7238
1.7762
400
500
1.80
1.7730
1.8270
1.85
1.8223
1.8777
1.90
1.8715
1.9285
1.95
1.9208
1.9792
2.00
1.9700
2.0300
2.05
2.0193
2.0807
2.10
2.0685
2.1315
2.15
2.1178
2.1822
2.20
2.1670
2.2330
2.25
2.2163
2.2837
2.30
2.2655
2.3345
2.35
2.3148
2.3852
2.40
2.3640
2.4360
2.45
2.4133
2.4867
300
430
2.50
2.4625
2.5375
2.55
2.5118
2.5882
2.60
2.5610
2.6390
2.65
2.6103
2.6897
2.70
2.6595
2.7405
2.75
2.7088
2.7912
2.80
2.7580
2.8420
2.85
2.8073
2.8927
2.90
2.8565
2.9435
2.95
2.9058
2.9942
3.00
2.9550
3.0450
210
410
■ELECTRICAL CHARACTERISTICS (Continued)
(*1) When VOUT(T)≦1.20V, the output voltage accuracy is ±20mV.
When VOUT(T)≧1.25V, the output voltage accuracy is ±1.5%.
●Voltage Table


Similar Part No. - XC6224B08BNR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6224B08BNR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com