Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB1LLN0600 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # MB1LLN0600
Description  Straight Receptacle, 6 Pos
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MB1LLN0600 Datasheet(HTML) 1 Page - Amphenol Corporation

  MB1LLN0600 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6 x 2.0mm
(BETWEEN CONTACTS)
MAXIMUM MATING CYCLES:
>50
CONTACT RESISTANCE:
<3
TEST VOLTAGE:
6000V
MAX CURRENT:
MAX. 28A
CONTACT SIZE:
MAXIMUM VOLTAGE:
630V AC/DC
CONTACTS:
BRASS, GOLD-PLATED
SEALS:
DUPONT VITON
TEMPERATURE RANGE:
-20C to +130C
PROTECTION:
IP 67 (Plugged Condition)
DIMENSIONS
TECHNICAL DATA
PART NUMBER
MB1LLN0600
CONFIGURATION
Straight Receptacle, 6 Pos
COUPLING NUT:
DEGREE OF PROTECTION:
INSULATION INSERTS:
BRASS, NICKEL-PLATED
3
OVER VOLTAGE CATEGORY:
III
HOUSING BODY:
ZINC DIE-CAST
PA66 / PBT, UL 94 / VO


Similar Part No. - MB1LLN0600

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MB1LLN0600 AMPHENOL-MB1LLN0600 Datasheet
5Mb / 12P
   MotionGrade M23 and M40 Connectors
More results

Similar Description - MB1LLN0600

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC1LKN0600 AMPHENOL-MC1LKN0600 Datasheet
63Kb / 1P
   Straight Receptacle, 6 Pos
MC1CJN0600 AMPHENOL-MC1CJN0600 Datasheet
73Kb / 1P
   Straight Plug, 6 Pos
MC1JJN0600 AMPHENOL-MC1JJN0600 Datasheet
69Kb / 1P
   Straight Extension, 6 Pos
MC1LKN0800 AMPHENOL-MC1LKN0800 Datasheet
65Kb / 1P
   Straight Receptacle, 8 Pos
MB1LLN0800 AMPHENOL-MB1LLN0800 Datasheet
69Kb / 1P
   Straight Receptacle, 8 Pos
MC1NJN0600 AMPHENOL-MC1NJN0600 Datasheet
66Kb / 1P
   Fixed 90째 Receptacle, 6 Pos
AHDC-16-6 AMPHENOL-AHDC-16-6 Datasheet
100Kb / 1P
   CAP, 6 POS
AHD16-6-12S-B010 AMPHENOL-AHD16-6-12S-B010 Datasheet
83Kb / 1P
   PLUG, 6 POS, COUPLING
AHD10-6-12P-L AMPHENOL-AHD10-6-12P-L Datasheet
65Kb / 1P
   RECEPTACLE, 6N POS, FLANGE
logo
HARTING Technology Grou...
09-38-012-2651 HARTING-09-38-012-2651 Datasheet
496Kb / 3P
   Han K 6/6 Pos. M Insert
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com