Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9883FV-WE2 Datasheet(PDF) 5 Page - Rohm

Part # BU9883FV-WE2
Description  I2C BUS3Ports for HDMI Port Serial EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9883FV-WE2 Datasheet(HTML) 5 Page - Rohm

  BU9883FV-WE2 Datasheet HTML 1Page - Rohm BU9883FV-WE2 Datasheet HTML 2Page - Rohm BU9883FV-WE2 Datasheet HTML 3Page - Rohm BU9883FV-WE2 Datasheet HTML 4Page - Rohm BU9883FV-WE2 Datasheet HTML 5Page - Rohm BU9883FV-WE2 Datasheet HTML 6Page - Rohm BU9883FV-WE2 Datasheet HTML 7Page - Rohm BU9883FV-WE2 Datasheet HTML 8Page - Rohm BU9883FV-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BU9883FV-W
Technical Note
5/18
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Characteristic data (The following values are Typ. ones).
0
100
200
300
400
500
600
700
800
01
234
56
SUPPLY VOLTAGE : Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.26 Data Clock High Period tHIGH
0
200
400
600
800
1000
1200
1400
01
23
45
6
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.27 Data Clock Low Period t
LOW
0
200
400
600
800
01
2
3
4
5
6
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.29 Start Condition Setup
Time t
SU:STA
Fig.25 Clock Frequency f
SCL
0
200
400
600
800
1000
0
1
234
56
SUPPLY VOLTAGE : Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0
50
100
150
200
250
300
0123456
SUPPLY VOLTAGE : Vcc2[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.23 Standby Current2 ISB2
0
50
100
150
200
250
300
012
3456
SUPPLY VOLTAGE : Vcc3[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.24 Standby Current ISB3
0
100
200
300
400
01
23
45
6
SUPPLYVOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.35 Noise Spike Width tI
(SDA0~3 and SCL0~3)
Fig.36 WP Setup Time t
SU:WP
0
200
400
600
800
01
2
3
4
5
6
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.28 Start Condition Hold Time t
HD:STA
-80
-60
-40
-20
0
20
01
23
45
6
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
0
20
40
60
80
100
120
0
1
234
56
SUPPLY VOLATGE : Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0
200
400
600
800
1000
01
2
3456
SUPPLY VOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.32 Output Data Delay Time t
PD
-200
0
200
400
600
800
01
23
45
6
SUPPLYVOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
0
1
2
3
4
5
6
01
234
56
SUPPLYVOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
-300
-200
-100
0
100
200
01
234
5
6
SUPPLYVOLTAGE : Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.33 Stop Condition Setup Time t
SU:STO
Fig.34 Write Cycle Time t
WR
Fig.30 Input Data Hold Time t
HD:DAT
Fig.31 Input Data Setup Time t
SU:DAT


Similar Part No. - BU9883FV-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9883FV-W ROHM-BU9883FV-W Datasheet
630Kb / 19P
   I2C BUS 3Ports for HDMI Port Serial EEPROM
More results

Similar Description - BU9883FV-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9883FV-W ROHM-BU9883FV-W Datasheet
630Kb / 19P
   I2C BUS 3Ports for HDMI Port Serial EEPROM
logo
ON Semiconductor
CAT24C208 ONSEMI-CAT24C208_18 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
logo
Microchip Technology
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24AA04 MICROCHIP-24AA04_09 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24LC01B-SN MICROCHIP-24LC01B-SN Datasheet
515Kb / 35P
   1K I2C??Serial EEPROM
2009
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com