Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU6566GVW Datasheet(PDF) 11 Page - Rohm

Part # BU6566GVW
Description  Camera Image Processors Compatible with JPEG Image
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6566GVW Datasheet(HTML) 11 Page - Rohm

Back Button BU6566GVW Datasheet HTML 7Page - Rohm BU6566GVW Datasheet HTML 8Page - Rohm BU6566GVW Datasheet HTML 9Page - Rohm BU6566GVW Datasheet HTML 10Page - Rohm BU6566GVW Datasheet HTML 11Page - Rohm BU6566GVW Datasheet HTML 12Page - Rohm BU6566GVW Datasheet HTML 13Page - Rohm BU6566GVW Datasheet HTML 14Page - Rohm BU6566GVW Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BU6566GVW, BU6568GV
Technical Note
11/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
2.
Camera Module Interface Timing
2.1. System clock and camera clock
External input clock (XIN) may be divided set and supplied as CAMCKO clock to camera module.
The relation of data synchronization clock CAMCKI clock from camera and system clock SCLK must be set so as to meet the
following formula.
fSCLK
 2 × fCAMCKI
……(2.1-1)
fSCLK
System clock frequency
fCAMCKI
Camera clock frequency input to CAMCKI terminal
Moreover, [Camera timing 1] or [Camera timing 2] shown below must be satisfied.
[Camera timing1] (In the case when CAMCKI signal is as asynchronous as CAMCKO)
tCAMCKIH > tSCLK + 1ns
and
tCAMCKIL > tSCLK + 1ns
……(2.1-2)
tCAMCKIH
CAMCKI High interval
tCAMCKIL
CAMCKI Low interval
[Camera timing 2] (In the case when CAMCKI signal is as synchronous as CAMCKO)
total delay + margin (
10ns) < tSCLK
……(2.1-3)
total delay
delay from CAMCKO change point to CAMCKI change point
The clock relation in fSCLK = fCAMCKO = 2 × fCAMCKI is shown in Figure.2.1-1.
Figure .2.1-1 Relation between system clock and camera clock
2.2. Camera module interface timing
The timing of the camera image signal in camera I/F is shown in Table 2.2-1.
Table
2.2-1
BU6566GVW/BU6568GV timing (camera data)
Symbol
Details
MIN.
TYP.
MAX.
Unit
Remarks
tCMS
CAMCKI rising/falling camera set up time
1/5
-
-
ns
BU6566GVW/BU6568GV
tCMH
CAMCKI rising/falling camera hold time
1/5
-
-
ns
BU6566GVW/BU6568GV
CAMVS
CAMHS
CAMD0
-CAMD7
CAMCKI
(CKPL=“0”)
CAMCKI
(CKPOL=“1”)
[fSCLK=fCAMCKO=2 × fCAMCKI]
internal SCLK
CAMCKO
CAMCKI
detect
total delay
CAMCKI = "H"
CAMCKI = "L"
detect
tCMH
tCMS
CAMCKO
total
delay
CAMCKI
CAMERA
Module
BU6566GVW
/BU6568GV


Similar Part No. - BU6566GVW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6566GVW ROHM-BU6566GVW Datasheet
379Kb / 6P
   For Home Electornics and Security Devices IC
More results

Similar Description - BU6566GVW

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
777662-01 NI-777662-01 Datasheet
1Mb / 6P
   Digital Camera Image Acquisition
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
   JPEG Still Color Image Compression/Decompression LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
   Colro Image Sensor Camera Module?
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
National Instruments Co...
PCIE-1429 NI-PCIE-1429 Datasheet
369Kb / 3P
   Full-Configuration Camera Link Image Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com