Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7884EFV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BH7884EFV-E2
Description  1W1W Stereo Speaker / Headphone Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7884EFV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BH7884EFV-E2 Datasheet HTML 3Page - Rohm BH7884EFV-E2 Datasheet HTML 4Page - Rohm BH7884EFV-E2 Datasheet HTML 5Page - Rohm BH7884EFV-E2 Datasheet HTML 6Page - Rohm BH7884EFV-E2 Datasheet HTML 7Page - Rohm BH7884EFV-E2 Datasheet HTML 8Page - Rohm BH7884EFV-E2 Datasheet HTML 9Page - Rohm BH7884EFV-E2 Datasheet HTML 10Page - Rohm BH7884EFV-E2 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Technical Note
9/10
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BH7884EFV
Operation Notes
1. Numbers and data in entries are representative design values and are not guaranteed values of the items.
2. Although ROHM is confident that the example application circuit reflects the best possible recommendations, be sure to
verify circuit characteristics for your particular application. Modification of constants for other externally connected circuits
may cause variations in both static and transient characteristics for external components as well as this Rohm IC. Allow for
sufficient margins when determining circuit constants.
3. Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings, such as the applied voltage or operating temperature range (Topr),
may result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or open mode) when
such damage is suffered. A physical safety measure, such as a fuse, should be implemented when using the IC at times
where the absolute maximum ratings may be exceeded.
4. GND potential
Ensure a minimum GND pin potential in all operating conditions. Make sure that no pins are at a voltage below the GND at
any time, regardless of whether it is a transient signal or not.
5. Thermal design
Perform thermal design, in which there are adequate margins, by taking into account the permissible dissipation (Pd) in
actual states of use.
6. Short circuit between terminals and erroneous mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
7. Operation in strong electromagnetic field
Using the ICs in a strong electromagnetic field can cause operation malfunction.
8. Pop noise when switching power ON/OFF
To prevent pop noise when switching VCC ON/OFF or switching SUSPEND ON/OFF, use SUSPEND (11PIN=L), HP
MUTE (10PIN=L), and SUSPEND (2PIN=L) for noise control, as shown below.
(VCC OFF→ON)
(VCC ON→OFF)
VCC
SPND
HPMT
SPMT
VCC
SPND
HPMT
SPMT
1) OFF
L
L
L
1) OFF
H
H
H
2) ON
L
L
L
2) ON
H
H
L
3) ON
H
L
L
3) ON
H
L
L
4) ON
H
H
L
4) ON
L
L
L
5) ON
H
H
H
5) ON
L
L
L
9. Power supply bypass capacitor
Place the bypass capacitor close to the VCC ~ GND pins.
10. Mode switching
Do not apply a voltage that exceeds VCC or a voltage that is less than GND, at a control pin.
11. Power package
Ensure heat dissipation by connecting the heatsink to the back of the IC and to the GND board. Ensure that the GND area
is large.
12. HPOUT
Connect resistance (100 Ω is recommended) to the output for SPAMP input level adjustment and to prevent HPAMP
oscillation.
13. Capacitive load
Do not connect a capacitive load to SPAMP or HPAMP output as it may cause oscillation.
14. Startup time at low temperature and reduced power
Use the following methods to eliminate longer start up time at low temperatures (less than about -10℃) and reduced
power (less than about 3.0 V):
1) Start in SPMUTE state and then cancel SPMUTE.
2) Add to transistor and resistance, as shown in the application circuit diagram.


Similar Part No. - BH7884EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7884EFV ROHM-BH7884EFV Datasheet
325Kb / 6P
   Silicon Monolithic Integrated Circuit
BH7884EFV ROHM-BH7884EFV Datasheet
550Kb / 9P
   1W1W Stereo Speaker / Headphone Amplifier
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
   1W1W Stereo Speaker / Headphone Amplifier
More results

Similar Description - BH7884EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
   1W1W Stereo Speaker / Headphone Amplifier
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com