Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM524BA01DR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCM524BA01DR-G
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524BA01DR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XCM524BA01DR-G Datasheet HTML 1Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 2Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 3Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 4Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 5Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 6Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 7Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 8Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2/52
XCM524 Series
PIN No
XCM524
VDR
DC/DC
1
VDOUT
VDOUT
-
2
VSS
VSS
-
3
Cd
Cd
-
4
VIN2
-
VIN
5
PGND
-
PGND
6
Lx
-
Lx
7
DCOUT
-
VOUT
8
AGND
-
AGND
9
EN2
-
CE
10
VIN1
VIN1
-
11
NC
-
-
12
VROUT
VROUT
-
PIN No
XCM524
FUNCTIONS
1
VDOUT
VDR Block: VD Output Voltage
2
VSS
VDR Block: Ground
3
Cd
VDR Block: Delay Capacitor connection
4
VIN2
DC/DC Block: Power Input
5
PGND
DC/DC Block: Power Ground
6
Lx
DC/DC Block: Switching Connection
7
DCOUT
DC/DC Block: Output Voltage
8
AGND
DC/DC Block: Analog Ground
9
EN2
DC/DC Block: ON/OFF Control
10
VIN1
VDR Block: Power Input
11
NC
No Connection
12
VROUT
VDR Block: LDO Output
■PIN CONFIGURATIOIN
■PIN ASSIGNMENT
*DC/DC Ground pin (No.5 and 8) should be short before using the IC.
* A dissipation pad on the reverse side of the package should be electrically isolated.
*1: Voltage level of the VDR’s dissipation pad should be VSS level.
*2: Voltage level of the DC/DC’s dissipation pad should be VSS level.
Care must be taken for an electrical potential of each dissipation pad so as to enhance mounting strength and heat release
when the pad needs to be connected to the circuit.
(TOP VIEW)
(BOTTOM VIEW)


Similar Part No. - XCM524BA01DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results

Similar Description - XCM524BA01DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com