Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM524AC04DR-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XCM524AC04DR-G
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524AC04DR-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XCM524AC04DR-G Datasheet HTML 2Page - Torex Semiconductor XCM524AC04DR-G Datasheet HTML 3Page - Torex Semiconductor XCM524AC04DR-G Datasheet HTML 4Page - Torex Semiconductor XCM524AC04DR-G Datasheet HTML 5Page - Torex Semiconductor XCM524AC04DR-G Datasheet HTML 6Page - Torex Semiconductor XCM524AC04DR-G Datasheet HTML 7Page - Torex Semiconductor XCM524AC04DR-G Datasheet HTML 8Page - Torex Semiconductor XCM524AC04DR-G Datasheet HTML 9Page - Torex Semiconductor XCM524AC04DR-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6/52
XCM524 Series
SYMBOL
E-0
E-1
E-1
OUTPUT VOLTAGE
DETECT VOLTAGE
DROPOUT VOLTAGE 1 (mV)
(IOUT=30mA)
DROPOUT VOLTAGE 2 (mV)
(IOUT=100mA)
PARAMETER
NOMINAL
DETECT VOLTAGE
OUTPUT VOLTAGE
(V)
Ta=25℃
Ta=25℃
VROUT(E) / VDF(E)
Vdif1
Vdif1
Vdif2
Vdif2
VROUT(T)
VDF(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
0.90
0.870
0.930
1050
1100
1150
1200
1.00
0.970
1.030
1000
1100
1050
1200
1.10
1.070
1.130
900
1000
950
1100
1.20
1.170
1.230
800
900
850
1000
1.30
1.270
1.330
700
800
750
900
1.40
1.370
1.430
600
700
650
800
1.50
1.470
1.530
500
600
550
700
1.60
1.568
1.632
400
500
500
600
1.70
1.666
1.734
300
400
400
500
1.80
1.764
1.836
200
300
300
400
1.90
1.862
1.938
120
150
280
380
2.00
1.960
2.040
80
120
240
350
2.10
2.058
2.142
80
120
240
330
2.20
2.156
2.244
80
120
240
330
2.30
2.254
2.346
80
120
240
310
2.40
2.352
2.448
80
120
240
310
2.50
2.450
2.550
70
100
220
290
2.60
2.548
2.652
70
100
220
290
2.70
2.646
2.754
70
100
220
290
2.80
2.744
2.856
70
100
220
270
2.90
2.842
2.958
70
100
220
270
3.00
2.940
3.060
60
90
200
270
3.10
3.038
3.162
60
90
200
250
3.20
3.136
3.264
60
90
200
250
3.30
3.234
3.366
60
90
200
250
3.40
3.332
3.468
60
90
200
250
3.50
3.430
3.570
60
90
200
250
3.60
3.528
3.672
60
90
200
250
3.70
3.626
3.774
60
90
200
250
3.80
3.724
3.876
60
90
200
250
3.90
3.822
3.978
60
90
200
250
4.00
3.920
4.080
60
80
180
230
4.10
4.018
4.182
60
80
180
230
4.20
4.116
4.284
60
80
180
230
4.30
4.214
4.386
60
80
180
230
4.40
4.312
4.488
60
80
180
230
4.50
4.410
4.590
60
80
180
230
4.60
4.508
4.692
60
80
180
230
4.70
4.606
4.794
60
80
180
230
4.80
4.704
4.896
60
80
180
230
4.90
4.802
4.998
60
80
180
230
5.00
4.900
5.100
50
70
160
210
5.10
4.998
5.202
50
70
160
210
5.20
5.096
5.304
5.30
5.194
5.406
5.40
5.292
5.508
5.50
5.390
5.610
●Dropout Voltage
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XCM524AC04DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results

Similar Description - XCM524AC04DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com