Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH3541F-E2 Datasheet(PDF) 6 Page - Rohm

Part # BH3541F-E2
Description  Standard Headphone Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3541F-E2 Datasheet(HTML) 6 Page - Rohm

  BH3541F-E2 Datasheet HTML 1Page - Rohm BH3541F-E2 Datasheet HTML 2Page - Rohm BH3541F-E2 Datasheet HTML 3Page - Rohm BH3541F-E2 Datasheet HTML 4Page - Rohm BH3541F-E2 Datasheet HTML 5Page - Rohm BH3541F-E2 Datasheet HTML 6Page - Rohm BH3541F-E2 Datasheet HTML 7Page - Rohm BH3541F-E2 Datasheet HTML 8Page - Rohm BH3541F-E2 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
6/8
BH3541F,BH3544F,BH3547F,BH3548F
Application circuit
5
6
7
8
3
4
VCC
OUT2
BIAS
IN2
47µ
VIN2
180k
(90k)
180k
(90k)
0dB
(6dB)
0dB
(6dB)
BIAS
MUTE
TSD
2
1
OUT1
MUTE
IN1
GND
VIN1
100k
330µ
10
VMUTE
H : Active
L : Mute
330µ
VCC
R5
C5
C6
C7
C8
C1
C2
C3
R3
R2
µ
+
+
+
+
Fig. 15
Description of external components.
1) Input coupling capacitors (C3, C5)
These are determined according to the lower cutoff frequency fc. Moreover, since lowering the capacitance can cause
the occurrence of pop noise, when changing this, determine it after adequate checking.
Since the input impedance of the BH3541F is 180kΩ and that of the BH3544F,BH3547F,BH3548F is 90kΩ, these are
found by the expressions below, although drift, temperature characteristics, and other considerations are necessary.
(Layered ceramic capacitors are recommended.)
C3(C5)=1/(2π×180kΩ×fc) [BH3541F]
C3(C5)=1/(2π× 90kΩ×fc)
[BH3544F,BH3547F,BH3548F]
2) Bias capacitor (C6)
When VCC=5V, 47μF is recommended. Since lowering the capacitance too much can cause worsening of electrical
characteristics or the occurrence of pop noise, when changing this, determine it after checking this adequately.
3) Mute pin pop noise countermeasures (R2, C2)
Since the BH3541F,BH3544F,BH3548F has an impedance of 190kΩ against GND and the BH3547F has 200kΩ, it may
be impossible to cancel mute mode if R2 is made too large.
4) Output coupling capacitors (C1, C7)
These are determined by the lower cutoff frequency. If RL is the output load resistance (assuming a resistance RX is
put in for output protection or current restriction), these are found by the expression below.
C1(C7)=1/(2π×(RL+Rx)× fc)
5) Input gain adjustment resistances (R3, R5) (BH3544F,BH3547F)
Externally attached resistances (R3, R5) make input gain adjustment possible. The gain found by the expression
below can be set.
GVC=6+20log(90kΩ/(90kΩ+R3[R5])) [dB]
When input gain is not accommodated, these resistors have no use.
Notes for use
1) Numbers and data in entries are representative design values and are not guaranteed values of the items.
2) Although we are confident in recommending the sample application circuits, carefully check their characteristics further
when using them. When modifying externally attached component constants before use, determine them so that they
have sufficient margins by taking into account variations in externally attached components and the Rohm LSI, not only
for static characteristics but also including transient characteristics.
3) Absolute maximum ratings
If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may be
damaged. Do not apply voltages or temperatures that exceed the absolute maximum ratings. If you think of a case in
which absolute maximum ratings are exceeded, enforce fuses or other physical safety measures and investigate how
not to apply the conditions under which absolute maximum ratings are exceeded to the LSI.
( ) are BH3544F, BH3547F, BH3548F values.


Similar Part No. - BH3541F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F ROHM-BH3541F Datasheet
122Kb / 8P
   Headphone amplifier for CD-ROMs
BH3541F ROHM-BH3541F Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
More results

Similar Description - BH3541F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3544F ROHM-BH3544F_12 Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F_11 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BD88200GUL ROHM-BD88200GUL Datasheet
654Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Rohm
BD88400GUL ROHM-BD88400GUL Datasheet
594Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com