Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH1715FVC Datasheet(PDF) 10 Page - Rohm

Part # BH1715FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1715FVC Datasheet(HTML) 10 Page - Rohm

Back Button BH1715FVC Datasheet HTML 6Page - Rohm BH1715FVC Datasheet HTML 7Page - Rohm BH1715FVC Datasheet HTML 8Page - Rohm BH1715FVC Datasheet HTML 9Page - Rohm BH1715FVC Datasheet HTML 10Page - Rohm BH1715FVC Datasheet HTML 11Page - Rohm BH1715FVC Datasheet HTML 12Page - Rohm BH1715FVC Datasheet HTML 13Page - Rohm BH1715FVC Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
BH1715FVC
Technical Note
10/16
www.rohm.com
2010.06 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
I
2C Bus Access
1) I
2C Bus Interface Timing chart
Write measurement command and Read measurement result are done by I
2C Bus interface. Please refer the formally
specification of I
2C Bus interface, and follow the formally timing chart.
2) Slave Address
Slave Address is 2 types, it is determined by ADDR Terminal
ADDR = ‘H’ (ADDR ≧ 0.7VCC) →“1011100“
ADDR = 'L' (ADDR ≦ 0.3VCC) →“0100011“
3)Write Format
BH1715FVC is not able to accept plural command without stop condition. Please insert SP every 1 Opecode.
ST
Slave Address
R/W
0
Ack
Opecode
Ack
SP
4)Read Format
ST
Slave Address
R/W
1
Ack
High Byte [15:8]
2
15 214 213 212 211 210 29 28
Ack
Low Byte [7:0]
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
Ack
SP
ex)
High Byte = "1000_0011"
Low Byte = "1001_0000"
(2
15 + 29 + 28 + 27 + 24) / 1.2 ≒ 28067 [ lx ]
* Please refer formality I
2C bus specification of NXP semiconductors.
from Master to Slave
from Slave to Master
tHD ; DAT
S
SDA
SCL
tHD ; STA
tLOW
tf
tr
Sr
tSU ; STA
tSU ; DAT
tf
tSU;STO
tBUF
P
tr
S
tHIGH
tHD ; STA


Similar Part No. - BH1715FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1715FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com