Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8918F-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD8918F-E2
Description  IC Care Interface ICs with Built-in Low LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8918F-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD8918F-E2 Datasheet HTML 2Page - Rohm BD8918F-E2 Datasheet HTML 3Page - Rohm BD8918F-E2 Datasheet HTML 4Page - Rohm BD8918F-E2 Datasheet HTML 5Page - Rohm BD8918F-E2 Datasheet HTML 6Page - Rohm BD8918F-E2 Datasheet HTML 7Page - Rohm BD8918F-E2 Datasheet HTML 8Page - Rohm BD8918F-E2 Datasheet HTML 9Page - Rohm BD8918F-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Technical Note
6/15
BD8918F,BD8918FV,BD8919F,BD8919FV
www.rohm.com
2010.4 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
Pin Name
Pin function Diagram
Pin Name
Pin function Diagram
12
VDDP
14
OFFB
13
PRES
15
CMDVCCB
16
GND
Pin No.
Pin No.
12
15
VDD
VDD
VDD
14
13
VDD
VDD


Similar Part No. - BD8918F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8918F ROHM-BD8918F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD8918FV ROHM-BD8918FV Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
More results

Similar Description - BD8918F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8919F ROHM-BD8919F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
   IC card interface ICs with Built-in DC / DC Converter
BD9739KN ROHM-BD9739KN_10 Datasheet
405Kb / 15P
   System Switching Regulator ICs with Built-in FET (10V)
logo
List of Unclassifed Man...
P9813 ETC1-P9813 Datasheet
710Kb / 9P
   IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
Rohm
BD5LL20AEFV-C ROHM-BD5LL20AEFV-C Datasheet
2Mb / 48P
   5ch Low Side Switch with Built-in LDO
13.Jan.2023 Rev.001
BD8355MWV ROHM-BD8355MWV Datasheet
1Mb / 21P
   Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com