Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLD15ZED-G Datasheet(PDF) 3 Page - Power-One

Part # HLD15ZED-G
Description  HLD SERIES - 60 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HLD15ZED-G Datasheet(HTML) 3 Page - Power-One

  HLD15ZED-G Datasheet HTML 1Page - Power-One HLD15ZED-G Datasheet HTML 2Page - Power-One HLD15ZED-G Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, HLS, HLD, LES,
TTL "Low" Turns Module ON
QBS, QES, QLS, TES, TQD
TTL "High" Turns Module OFF
Lucent-Compatible
T
HAS, HBD, HBS, HES, HLS, QBS, QES,
QLS
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
Pin Length and Heatsink Options
Standard Pin Length is 0.180" (4.6mm)
0.110" (2.8mm) Pin Length
8
All Units (Except SMS)
0.150" (3.8mm) Pin Length
9
All Units (Except SMS)
0.24" (6.1mm) Horizontal Heatsink
1H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.24" (6.1mm) Vertical Heatsink
1V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.45" (11.4mm) Horizontal Heatsink
2H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.45" (11.4mm) Vertical Heatsink
2V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.95" (24.1mm) Horizontal Heatsink
3H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.95" (24.1mm) Vertical Heatsink
3V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
3
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer
and add them to the model number. Example ordering options are located below the options table.
Example Options:
HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent-compatible trim, and 0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent-compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
OPTIONS


Similar Part No. - HLD15ZED-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLD ETC1-HLD Datasheet
677Kb / 1P
   Visual indicating fuse
logo
Shindengen Electric Mfg...
HLD051R2M SHINDENGEN-HLD051R2M Datasheet
181Kb / 2P
   1.2A HL SERIES
logo
Highly Electric Co., Lt...
HLD22-GA HIGHLY-HLD22-GA Datasheet
2Mb / 3P
   HIGHLY CONTROL UNITS
HLD22-GE HIGHLY-HLD22-GE Datasheet
2Mb / 3P
   HIGHLY CONTROL UNITS
HLD22-GI HIGHLY-HLD22-GI Datasheet
2Mb / 3P
   HIGHLY CONTROL UNITS
More results

Similar Description - HLD15ZED-G

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
   TEN 60 Series, 60 Watt
Rev. November 30, 2022
logo
SL Power Electronics
MW136 SLPOWER-MW136 Datasheet
78Kb / 2P
   MEDICAL 60 WATT SERIES
logo
Power-One
HAS040YE POWER-ONE-HAS040YE Datasheet
177Kb / 3P
   HAS SERIES - 60 WATT
logo
TRACO Electronic AG
TEP60UIR TRACOPOWER-TEP60UIR Datasheet
866Kb / 5P
   TEP 60UIR Series, 60 Watt
Rev. November 30, 2022
TEN60N TRACOPOWER-TEN60N Datasheet
881Kb / 5P
   TEN 60N Series, 60 Watt
Rev. November 30, 2022
TEN60WIN TRACOPOWER-TEN60WIN Datasheet
928Kb / 4P
   TEN 60WIN Series, 60 Watt
Rev. November 30, 2022
TEN60WIR TRACOPOWER-TEN60WIR Datasheet
933Kb / 5P
   TEN 60WIR Series, 60 Watt
Rev. November 30, 2022
logo
SL Power Electronics
MW116 SLPOWER-MW116 Datasheet
127Kb / 2P
   MEDICAL 60-90 WATT SERIES
PW174KB SLPOWER-PW174KB Datasheet
179Kb / 3P
   Universal 60 ??65 Watt Series
logo
TRACO Electronic AG
TMDC60 TRACOPOWER-TMDC60 Datasheet
960Kb / 4P
   DC/DC Converter TMDC 60 Series, 60 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com