Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IML10 Datasheet(PDF) 2 Page - Power-One

Part # IML10
Description  10 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IML10 Datasheet(HTML) 2 Page - Power-One

  IML10 Datasheet HTML 1Page - Power-One IML10 Datasheet HTML 2Page - Power-One IML10 Datasheet HTML 3Page - Power-One IML10 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Edition 4/04.2001
Board Mountable
IML 10 Series
Input
Input voltage range
24 IML 10
18...36 V DC
48 IML 10
36...75 V DC
Output
Output voltage setting accuracy
Ui nom, 50% lo nom, single output models
±1.5% U
o nom
Ui nom, 50% lo nom, double outp., main/aux. outp.
±1.5%/±1.5% U
o nom
Minimum load
recommended
10%
lo nom
Line/load regulation
Ui min...Ui max, 50% lo nom, single output models
±3% U
o nom
Line regulation
Ui nom, 50% lo nom, double output models, main output
±1% U
o nom
Load regulation
Ui nom, 10...100% lo nom, double outp. mod., main outp. ±3% Uo nom
tracking output
±3% U
o nom
Output voltage switching noise
Ui nom, 0...100% lo nom, peak-peak, total
max. 1.5%
Uo nom
Efficiency
Ui nom, lo nom
up to 84 %
Control and protection
Input protection
none
Overload protection
Ui min...Ui max, any load
fully protected, hiccup mode
No-load protection
yes
Safety and EMC
Electric strength test voltage
I/O
1500 V DC
Electromagnetic interference
class A
Environmental
Operating ambient temperature
Ui nom, lo nom
–25...60
°C
Storage temperature
non operational
–40...100
°C
Relative humidity
non condensing
93 %
Options
Open version without housing
Z
C-pinout
C
Accessories
DIN and chassis mounting bracket


Similar Part No. - IML10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IML-0635 MURATA-IML-0635 Datasheet
175Kb / 2P
   For LEAD TYPE
IML-0635 MURATA-IML-0635 Datasheet
186Kb / 2P
   Sensor
IML-0635 MURATA-IML-0635_17 Datasheet
186Kb / 2P
   Sensor
IML-0636 MURATA-IML-0636 Datasheet
177Kb / 2P
   For LEAD TYPE
IML-0636 MURATA-IML-0636 Datasheet
190Kb / 2P
   Sensor
More results

Similar Description - IML10

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10E-C AIMTEC-AM10E-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10E AIMTEC-AM10E Datasheet
264Kb / 3P
   10 watt dc-dc converters
logo
List of Unclassifed Man...
EC7A-24S05 ETC2-EC7A-24S05 Datasheet
534Kb / 2P
   10 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com