Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6992CS6-2-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6992CS6-2-PBF
Description  TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992CS6-2-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6992CS6-2-PBF Datasheet HTML 2Page - Linear Technology LTC6992CS6-2-PBF Datasheet HTML 3Page - Linear Technology LTC6992CS6-2-PBF Datasheet HTML 4Page - Linear Technology LTC6992CS6-2-PBF Datasheet HTML 5Page - Linear Technology LTC6992CS6-2-PBF Datasheet HTML 6Page - Linear Technology LTC6992CS6-2-PBF Datasheet HTML 7Page - Linear Technology LTC6992CS6-2-PBF Datasheet HTML 8Page - Linear Technology LTC6992CS6-2-PBF Datasheet HTML 9Page - Linear Technology LTC6992CS6-2-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
6
69921234p
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Error vs RSET
Frequency Drift vs Supply Voltage
Typical VSET Distribution
VSET Drift vs ISET
VSET Drift vs Supply
VSET vs Temperature
Frequency Error vs Temperature
Frequency Error vs Temperature
Frequency Error vs Temperature
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.
TEMPERATURE (°C)
–50
–3
0
1
2
3
025
50
100
125
–1
–2
–25
75
6992 G01
RSET = 50k
3 PARTS
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
TEMPERATURE (°C)
–50
–3
0
1
2
3
025
50
100
125
–1
–2
–25
75
6992 G02
RSET = 200k
3 PARTS
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
TEMPERATURE (°C)
–50
–3
0
1
2
3
025
50
100
125
–1
–2
–25
75
6992 G03
RSET = 800k
3 PARTS
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
RSET (k)
50
–3
0
1
2
3
200
400
800
–1
–2
100
6992 G04
3 PARTS
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
SUPPLY VOLTAGE (V)
2
–0.5
0
0.2
0.1
0.3
0.4
0.5
45
6
–0.2
–0.1
–0.3
–0.4
3
6992 G05
REFERENCED TO V+ = 4.5V
RSET = 50k
RSET = 200k RSET = 800k
VSET (V)
0.98
0
100
50
150
200
250
0.996
1.004
1.012
1.02
0.988
6992 G06
2 LOTS
DFN AND SOT-23
1274 UNITS
ISET (μA)
0
–1.0
0
0.4
0.2
0.6
0.8
1.0
10
15
20
–0.4
–0.2
–0.6
–0.8
5
6992 G07
REFERENCED TO ISET = 10μA
SUPPLY (V)
2
–1.0
0
0.4
0.2
0.6
0.8
1.0
45
6
–0.4
–0.2
–0.6
–0.8
3
6992 G08
REFERENCED TO V+ = 4V
TEMPERATURE (°C)
–50
0.980
1.000
1.010
1.005
1.015
1.020
025
50
100
125
0.995
0.990
0.985
–25
75
6992 G09
3 PARTS


Similar Part No. - LTC6992CS6-2-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992CS6-2#TRMPBF AD-LTC6992CS6-2#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
More results

Similar Description - LTC6992CS6-2-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992-1 AD-LTC6992-1 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com