Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLA12WB Datasheet(PDF) 1 Page - Rohm

Part # SMLA12WB
Description  Side View Chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLA12WB Datasheet(HTML) 1 Page - Rohm

  SMLA12WB Datasheet HTML 1Page - Rohm SMLA12WB Datasheet HTML 2Page - Rohm SMLA12WB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
:Duty
1/10 1kHz
Chromaticity Coordinates (Ta=25˚C, IF=5mA)
Measurement tolerance:±0.02
AF
H
K
C
x
y
x
y
x
y
x
y
x
y
0.280
0.296
0.283
0.264
0.248
0.276
0.305
0.267
0.283
0.304
0.307
0.287
0.287
0.307
0.311
0.296
0.295
0.315
0.294
0.276
0.304
0.330
0.330
0.311
0.330
0.360
0.318
0.294
0.330
0.356
0.361
0.330
0.318
0.351
0.385
0.360
0.305
0.330
0.315
0.295
IF
(mA)
Typ.
(V)
xy
IF
(mA)
Max.
(µA)
VR
(V)
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
White
InGaN on SiC
Dimensions (Unit:mm)
Tolerance:± 0.1
1.2
1.6
1.1
Terminal
CATHODE INDEX
(Unit:mm)
1.2
note) "-" will be taken out for emitting color B/E series.
Directivity (Typ.)
The recommended thickness of the screen mask
for soldering is more than 150µm. The hole size
of the screen mask should be same as the
recommended land pattern or smaller.
Recommended Pad Layout
SMLA12WB
∗∗∗ Series
White
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Chromaticity
coordinates
Reverse
current
IR
Resin
Side View Chip LEDs 0605 <1.6
1.15 t=0.55mm>
Low Current Type(IF
10mA)
Phosphor
included
Packaging Specifications (Unit:mm)
Tape Specifications:1 <3,000pcs/reel>
Feeding direction
Reel Specifications
Label Position
11.4±1
Tolerance:± 0.2
Tolerance:± 0.2
SMLA12WBC7W
SMLA12WBC7W
20
66
100
5
-30 to +85
-40 to +100
SMLA12WBC7W
2.9
5
100
5
0.30
0.30
5
Side View
1611(0605) 1.6
×1.15(t=0.55)
2± 0.05
4± 0.1
φ1.5
1.35
0.7
+0.1
0
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Angular Displacement (deg)
RELATIVE LUMINOUS INTENSITY (%)
Typ.
(mcd)
Min.
(
mcd)
IF
(mA)
Brightness
IV
22
56
5
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Angular Displacement (deg)
Y
X
Y’
X’
RELATIVE LUMINOUS INTENSITY (%)
0
50
100
90
°
60
°
30
°
0
°
30
°
60
°
90
°
100
50
0
50
100
90
°
60
°
30
°
0
°
30
°
60
°
90
°
100
50
Chromaticity Diagram
0.2
0.3
0.4
0.2
0.3
0.4
CIE x
C
K
F
H
A
Rev.A


Similar Part No. - SMLA12WB

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   Side-view type
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   Compact size side-view LEDs
More results

Similar Description - SMLA12WB

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12X8 ROHM-SML-A12X8 Datasheet
111Kb / 3P
   Side View Chip LEDs
SML-A12 ROHM-SML-A12_06 Datasheet
123Kb / 3P
   Side View Chip LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
EAPL3810A8 EVERLIGHT-EAPL3810A8 Datasheet
660Kb / 16P
   Side View LEDs
BHC-AS1T2 EVERLIGHT-BHC-AS1T2 Datasheet
167Kb / 7P
   Side View LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com