Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6992CDCB6-1-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6992CDCB6-1-PBF
Description  TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992CDCB6-1-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6992CDCB6-1-PBF Datasheet HTML 7Page - Linear Technology LTC6992CDCB6-1-PBF Datasheet HTML 8Page - Linear Technology LTC6992CDCB6-1-PBF Datasheet HTML 9Page - Linear Technology LTC6992CDCB6-1-PBF Datasheet HTML 10Page - Linear Technology LTC6992CDCB6-1-PBF Datasheet HTML 11Page - Linear Technology LTC6992CDCB6-1-PBF Datasheet HTML 12Page - Linear Technology LTC6992CDCB6-1-PBF Datasheet HTML 13Page - Linear Technology LTC6992CDCB6-1-PBF Datasheet HTML 14Page - Linear Technology LTC6992CDCB6-1-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
11
69921234p
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Frequency, 5V
Supply Current vs Frequency, 2.5V
Output Resistance
vs Supply Voltage
Supply Current vs Supply Voltage
Supply Current vs Temperature
Jitter vs Frequency
Rise and Fall Time
vs Supply Voltage
Typical ISET Current Limit vs V+
SUPPLY VOLTAGE (V)
6992 G51
3.0
1.5
2.5
1.0
0.5
2.0
0
24
35
6
CLOAD = 5pF
tRISE
tFALL
SUPPLY VOLTAGE (V)
6992 G50
50
25
20
35
45
5
10
15
30
40
0
24
35
6
OUTPUT SOURCING CURRENT
OUTPUT SINKING CURRENT
SUPPLY VOLTAGE (V)
6992 G52
1000
400
800
200
600
0
24
35
6
SET PIN SHORTED TO GND
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.
SUPPLY VOLTAGE (V)
0
250
350
300
400
345
2
6
200
150
100
50
6992 G44
LTC6992-2
RSET = 50k, ÷1
RSET = 50k, ÷4
RSET = 50k, ÷16
RSET = 100k, ÷1
RSET = 800k, ÷1
TEMPERATURE (°C)
–50
0
250
300
350
400
025
50
100
125
200
150
100
50
–25
75
6992 G45
5.0V, RSET = 50k, ÷1
2.5V, RSET = 50k, ÷1
5.0V, RSET = 50k, ÷16
5.0V, RSET = 800k, ÷1
2.5V, RSET = 800k, ÷1
FREQUENCY (kHz)
0.01
0
1.4
1.6
1.8
2.0
0.1
1
100
1000
1.2
1.0
0.8
0.6
0.4
0.2
10
6992 G46
÷1, V+ = 5V
÷1, V+ = 2.5V
÷4, V+ = 5V
÷4, V+ = 2.5V
÷16
÷64
PEAK-TO-PEAK PERIOD
DEVIATION MEASURED
OVER 30s INTERVALS
VMOD/VSET = 0.5
FREQUENCY (kHz)
0.001
0
250
300
350
400
0.1
0.01
1
100
1000
200
150
100
50
10
6992 G47
÷4
÷1
÷16,384
V+ = 5V
FREQUENCY (kHz)
0.001
0
250
300
350
400
0.1
0.01
1
100
1000
200
150
100
50
10
6992 G48
÷4
÷1
÷16,384
V+ = 2.5V


Similar Part No. - LTC6992CDCB6-1-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992CDCB-1#TRMPBF AD-LTC6992CDCB-1#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992CDCB-2#TRMPBF AD-LTC6992CDCB-2#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992CDCB-3#TRMPBF AD-LTC6992CDCB-3#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992CDCB-4#TRMPBF AD-LTC6992CDCB-4#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
More results

Similar Description - LTC6992CDCB6-1-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992-1 AD-LTC6992-1 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com