Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6990CS6-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6990CS6-PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CS6-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6990CS6-PBF Datasheet HTML 1Page - Linear Technology LTC6990CS6-PBF Datasheet HTML 2Page - Linear Technology LTC6990CS6-PBF Datasheet HTML 3Page - Linear Technology LTC6990CS6-PBF Datasheet HTML 4Page - Linear Technology LTC6990CS6-PBF Datasheet HTML 5Page - Linear Technology LTC6990CS6-PBF Datasheet HTML 6Page - Linear Technology LTC6990CS6-PBF Datasheet HTML 7Page - Linear Technology LTC6990CS6-PBF Datasheet HTML 8Page - Linear Technology LTC6990CS6-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Electrical Specifications Subject to Change
LTC6990
1
6990p
TYPICAL APPLICATION
DESCRIPTION
TimerBlox: Voltage
Controlled Silicon Oscillator
The LTC®6990 is a precision silicon oscillator with a pro-
grammable frequency range of 488Hz to 2MHz. It can be
used as a fixed-frequency or voltage-controlled oscillator
(VCO). The LTC6990 is part of the TimerBlox™ family of
versatile silicon timing devices.
A single resistor, RSET, programs the LTC6990’s inter-
nal master oscillator frequency. The output frequency
is determined by this master oscillator and an internal
frequency divider, NDIV, programmable to eight settings
from 1 to 128.
fOUT =
1MHz
NDIV
• 50kΩ
RSET
,NDIV = 1, 2, 4 …128
Optionally, a second resistor at the SET input provides linear
voltage control of the output frequency and can be used
for frequency modulation. A narrow or wide VCO tuning
range can be configured by the appropriate selection of
the two resistors.
The LTC6990 includes an enable function that is synchro-
nized with the master oscillator to ensure clean, glitch-free
output pulses. The disabled output can be configured to
be high impedance or forced low.
The LTC6990 is available in the 6-lead SOT-23 (ThinSOT)
package or a 6-lead 2mm
× 3mm DFN.
Voltage Controlled Oscillator with 16:1 Frequency Range
L, LT, LTC and LTM, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. TimerBlox and ThinSOT are trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by U.S.
Patents including 6342817, 6614313.
FEATURES
APPLICATIONS
n Fixed-Frequency or Voltage-Controlled Operation
– Fixed: Single Resistor Programs Frequency
with <2.2% Max Error
– VCO: Two Resistors Set VCO Center
Frequency and Tuning Range
n Frequency Range: 488Hz to 2MHz
n 2.25V to 5.5V Single Supply Operation
n 72μA Supply Current at 100kHz
n 500μs Start-Up Time
n VCO Bandwidth >300kHz at 1MHz
n CMOS Logic Output Sources/Sinks 20mA
n 50% Duty Cycle Square Wave Output
n Output Enable (Selectable Low or Hi-Z When Disabled)
n –40°C to 125°C Operating Temperature Range
n Available in Low Profile (1mm) SOT-23 (ThinSOT™)
and 2mm
× 3mm DFN Package
n Low Cost Precision Programmable Oscillator
n Voltage-Controlled Oscillator
n High Vibration, High Acceleration Environments
n Replacement for Fixed Crystal and Ceramic Oscillators
n Portable and Battery-Powered Equipment
VCO Transfer Function
VCTRL (V)
0
1000
750
250
500
0
0.5
6990 TA01b
2
1
1.5
6990 TA01a
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1μF
RSET
100k
V+
V+
VCTRL
RVCO
100k
fOUT 1MHz VCTRL • 0.5
MHz
V


Similar Part No. - LTC6990CS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990CS6PBF LINER-LTC6990CS6PBF Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CS6TRPBF LINER-LTC6990CS6TRPBF Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com