Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6992-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6992-2
Description  TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6992-2 Datasheet HTML 6Page - Linear Technology LTC6992-2 Datasheet HTML 7Page - Linear Technology LTC6992-2 Datasheet HTML 8Page - Linear Technology LTC6992-2 Datasheet HTML 9Page - Linear Technology LTC6992-2 Datasheet HTML 10Page - Linear Technology LTC6992-2 Datasheet HTML 11Page - Linear Technology LTC6992-2 Datasheet HTML 12Page - Linear Technology LTC6992-2 Datasheet HTML 13Page - Linear Technology LTC6992-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
10
69921234p
TYPICAL PERFORMANCE CHARACTERISTICS
Linearity Near 0% Duty Cycle
Linearity Near 5% Duty Cycle
Linearity Near 31% Duty Cycle
Duty Cycle Drift vs Supply
NDIV > 1 Duty Cycle Drift
vs Supply
Linearity Near 100% Duty Cycle
Linearity Near 95% Duty Cycle
Linearity Near 67% Duty Cycle
Supply Current vs VMOD
VMOD/VSET (V/V)
88
95
99
98
97
96
100
0.836
0.804
0.9
94
93
92
91
90
89
0.868
6992 G35
DIVCODE = 4
LTC6992-1/LTC6992-4
3 PARTS
VMOD/VSET (V/V)
88
95
99
98
97
96
100
0.836
0.804
0.9
94
93
92
91
90
89
0.868
6992 G36
DIVCODE = 4
LTC6992-2/LTC6992-3
3 PARTS
VMOD/VSET (V/V)
62
67
71
70
69
68
72
0.612
0.628
0.644
0.596
0.676
66
65
64
63
0.66
6992 G37
DIVCODE = 4
3 PARTS
VMOD/VSET (V/V)
0
7
11
10
9
8
12
0.116
0.148
0.084
0.18
6
5
4
3
2
1
6992 G38
DIVCODE = 4
LTC6992-1/LTC6992-3
3 PARTS
VMOD/VSET (V/V)
0
7
11
10
9
8
12
0.116
0.148
0.084
0.18
6
5
4
3
2
1
6992 G39
DIVCODE = 4
LTC6992-2/LTC6992-4
3 PARTS
VMOD/VSET (V/V)
26
31
35
34
33
32
36
0.324
0.34
0.356
0.372
0.308
0.388
30
29
28
27
6992 G40
DIVCODE = 4
3 PARTS
SUPPLY (V)
–0.5
0
0.4
0.3
0.2
0.1
0.5
345
2
6
–0.1
–0.2
–0.3
–0.4
6992 G41
DIVCODE = 0
VMOD/VSET = 0.5
VMOD/VSET = 0.2
VMOD/VSET = 0.8
5% CLAMP
95% CLAMP
REFERENCED TO V+ = 4V
SUPPLY (V)
–0.5
0
0.4
0.3
0.2
0.1
0.5
345
2
6
–0.1
–0.2
–0.3
–0.4
6992 G42
DIVCODE = 4
REFERENCED TO V+ = 4V
VMOD/VSET = 0.5
VMOD/VSET = 0.2
VMOD/VSET = 0.8
5% CLAMP
95% CLAMP
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.
VMOD (V)
0
250
350
300
400
0.4
0.2
0.6
0.8
0
1
200
150
100
50
6992 G43
LTC6992-2
RSET = 50k, ÷1
RSET = 50k, ÷16
RSET = 100k, ÷4
RSET = 800k, ÷1


Similar Part No. - LTC6992-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2 Datasheet
398Kb / 14P
   TimerBlox: Oscillators, One Shots, PWM, Delay, Power on Reset
logo
Analog Devices
LTC6992-2 AD-LTC6992-2 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results

Similar Description - LTC6992-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992-1 AD-LTC6992-1 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com