Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4310CDD-1-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4310CDD-1-PBF
Description  Hot-Swappable I2C Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4310CDD-1-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4310CDD-1-PBF Datasheet HTML 1Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 2Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 3Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 4Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 5Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 6Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 7Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 8Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4310-1/LTC4310-2

431012f
TEMPERATURE (°C)
–50
4.8
5.0
4.6
4.4
0
25
75
–25
50
100 125
4.2
4.0
431012 G01
VCC = 3.3V
VCC = 5V
SDA = 0V
SCL = VCC
Typical perForMance characTerisTics
SDA, SCL Controlled Rising Edge
Rate vs Temperature, LTC4310-1
SDA, SCL Controlled Rising Edge
Rate vs Temperature, LTC4310-2
SDA, SCL Rise Time Accelerator
Pull-Up Current vs Temperature
SDA, SCL Rise Time Accelerator
Pull-Up Current vs Bus Capacitance
SDA,SCL Falling Propagation
Delay vs Temperature
ICC vs Temperature, LTC4310-1
TEMPERATURE (°C)
–50
1.6
1.8
1.4
1.2
0
25
75
–25
50
100 125
2.0
431012 G02
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–50
4.5
5.0
4.0
3.5
0
25
75
–25
50
100 125
3.0
2.5
5.5
431012 G03
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–50
9
10
8
7
0
25
75
–25
50
100 125
6
5
11
431012 G04
VCC = 3.3V
VCC = 5V
BUS CAPACITANCE (pF)
0
8
10
6
4
200 300
500
100
400
600 700 800
2
0
12
431012 G05
VCC = 3.3V
VCC = 5V
TA = 25°C
TEMPERATURE (°C)
–50
180
200
160
140
0
25
75
–25
50
100 125
120
0
220
431012 G06
VCC = 3.3V
VCC = 5V


Similar Part No. - LTC4310CDD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310 LINER-LTC4310 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4310 LINER-LTC4310 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC4310 AD-LTC4310 Datasheet
242Kb / 26P
   I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4310-1 LINER-LTC4310-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results

Similar Description - LTC4310CDD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com