Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCSS-129_D_06_G_LF Datasheet(PDF) 1 Page - Major League Electronics

Part # BCSS-129_D_06_G_LF
Description  .100 cl Dual Row Box Connector Socket Strip - Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

BCSS-129_D_06_G_LF Datasheet(HTML) 1 Page - Major League Electronics

  BCSS-129_D_06_G_LF Datasheet HTML 1Page - Major League Electronics BCSS-129_D_06_G_LF Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
BSTC,
TSHCR,
BSTCM,
TSHCRE,
BSTCR,
TSHCRSM,
BSTCRSM,
TSHR,
BSTS,
TSHRE,
LBSTCM,
TSHS,
LTSHCR,
TSHSCM,
LTSHCRE,
TSHSM,
LTSHR,
ULTSHSM,
LTSHRE,
ULTSHC,
LTSHSM,
ULTHSCR
TSHC,
Specifications
Insertion Depth: .145 (3,68) to .250 (6,35)
Insertion Force - Per Contact - H Plating:
5oz. (1,39N) avg with .025 (0,64mm) sq. pin
Withdrawal Force - Per Contact - H Plating:
3oz. (0,83N) avg with .025 (0,64mm) sq. pin
Current Rating: 3.0 Ampere
Insulation Resistance: 5000MΩ Min.
Dielectric Withstanding: 500V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 20 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Reflow: 260°C up to 10 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Row Specification
D = Double
Pin Style
Polarized Position
Pins Per Row
BCSS-1 XX
D
XX XXX
Ordering Information
XX
02
Top Entry
06
Pass Thru Entry
LF
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
01 - 40
Lead Free
Plating Options
- 30µ Gold on Contact Area / Matte Tin on Tail
H
- Matte Tin All Over
T
- 10µ Gold on Contact Area / Matte Tin on Tail
GT
- Gold Flash over Entire Pin
F
- 10µ Gold on Contact area / Flash on Tail
G
Major League Electronics .100 cl Box Connector Socket Strip - Vertical
12 JAN 07
BCSS-1-DV SERIES
Box Connector Socket Strip - Vertical
.100 cl Dual Row


Similar Part No. - BCSS-129_D_06_G_LF

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
BCSS-129-D-08-F-LF MAJOR-LEAGUE-BCSS-129-D-08-F-LF Datasheet
124Kb / 2P
   100 cl Box Connextor Socket Strip-Horizontal
BCSS-129-D-08-G-LF MAJOR-LEAGUE-BCSS-129-D-08-G-LF Datasheet
124Kb / 2P
   100 cl Box Connextor Socket Strip-Horizontal
BCSS-129-D-08-GT-LF MAJOR-LEAGUE-BCSS-129-D-08-GT-LF Datasheet
124Kb / 2P
   100 cl Box Connextor Socket Strip-Horizontal
BCSS-129-D-08-H-LF MAJOR-LEAGUE-BCSS-129-D-08-H-LF Datasheet
124Kb / 2P
   100 cl Box Connextor Socket Strip-Horizontal
BCSS-129-D-08-T-LF MAJOR-LEAGUE-BCSS-129-D-08-T-LF Datasheet
124Kb / 2P
   100 cl Box Connextor Socket Strip-Horizontal
More results

Similar Description - BCSS-129_D_06_G_LF

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
LBCSS-1-D MAJOR-LEAGUE-LBCSS-1-D Datasheet
112Kb / 2P
   .100 cl Dual Row Box Connector Socket Strip
BCSS-1-SV MAJOR-LEAGUE-BCSS-1-SV Datasheet
87Kb / 2P
   .100 cl Single Row Box Connector Socket Strip - Vertical
LBCSS-1-S MAJOR-LEAGUE-LBCSS-1-S Datasheet
236Kb / 1P
   .100 cl Single Row Box Connector Socket Strip
BCSS-1-DH MAJOR-LEAGUE-BCSS-1-DH Datasheet
124Kb / 2P
   100 cl Box Connextor Socket Strip-Horizontal
BCSS-2-DV MAJOR-LEAGUE-BCSS-2-DV Datasheet
237Kb / 1P
   .079 cl Dual Row Box Contact Socket Strip
BSSH-1-D MAJOR-LEAGUE-BSSH-1-D Datasheet
87Kb / 1P
   .100 cl Dual Row Board Stacker Socket Strip
LSWSS-1-D MAJOR-LEAGUE-LSWSS-1-D Datasheet
94Kb / 2P
   .100 cl Dual Row Side Wipe Socket Strip
BCSS-1-SH MAJOR-LEAGUE-BCSS-1-SH Datasheet
123Kb / 2P
   .100 cl Single Row Box Connector Socket Strip - Horizontal 12 JAN 07
BCSS-2-SV MAJOR-LEAGUE-BCSS-2-SV Datasheet
235Kb / 1P
   .079 cl Single Row Box Contact Socket Strip
BCSS-2-D-08 MAJOR-LEAGUE-BCSS-2-D-08 Datasheet
86Kb / 2P
   .079 cl Box Contact Socket Strip - Horizontal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com