Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHS60ZA Datasheet(PDF) 2 Page - Power-One

Part # HHS60ZA
Description  HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HHS60ZA Datasheet(HTML) 2 Page - Power-One

  HHS60ZA Datasheet HTML 1Page - Power-One HHS60ZA Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
HHS60 Series – 60A Half-Brick DC/DC Converter
48V Input
3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
Page 2 of 2
www.power-one.com
Mechanical Drawing
Tolerances:
.xx
± .020 (.5)
.xxx
± .010 (.25)
Pin diameter
± .0.002 (.05)
Ordering Information
Options
Suffixes to add to part number
Positive- Standard, no suffix required
Remote On/Off
Negative- Add “N” suffix
Negative- Standard, no suffix required
Trim
Lucent compatible- Add “T” suffix
0.18”- Standard, no suffix required
0.11”- Add “8” suffix
Pin Length
0.15”- Add “9” suffix
Notes
1.
Consult factory for the complete list of available options.
2.
Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.
Pin
#
Function
1-Vin
2Case
3ON/OFF
4+Vin
5
-Vout
6-Sense
7Trim
8+Sense
9
+Vout


Similar Part No. - HHS60ZA

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS60ZA POWER-ONE-HHS60ZA Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
HHS60ZA POWER-ONE-HHS60ZA Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
More results

Similar Description - HHS60ZA

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
logo
Delta Electronics, Inc.
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
logo
Bel Fuse Inc.
07QB-C5T BEL-07QB-C5T Datasheet
196Kb / 8P
   ISOLATED DC/DC CONVERTERS 48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
HHD20ZGE POWER-ONE-HHD20ZGE Datasheet
99Kb / 2P
   HHD25 Series . 20/25A, Half-Brick DC/DC Converter 24V/48V Input Dual Output
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com