Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4362-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4362-1
Description  1.2A Overvoltage/ Overcurrent Protector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4362-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC4362-1 Datasheet HTML 1Page - Linear Technology LTC4362-1 Datasheet HTML 2Page - Linear Technology LTC4362-1 Datasheet HTML 3Page - Linear Technology LTC4362-1 Datasheet HTML 4Page - Linear Technology LTC4362-1 Datasheet HTML 5Page - Linear Technology LTC4362-1 Datasheet HTML 6Page - Linear Technology LTC4362-1 Datasheet HTML 7Page - Linear Technology LTC4362-1 Datasheet HTML 8Page - Linear Technology LTC4362-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4362-1/LTC4362-2
5
436212f
TYPICAL PERFORMANCE CHARACTERISTICS
Normal Start-Up Sequence
Turn-On Ramp-Up
Entering Sleep Mode
PIN FUNCTIONS
GATEP: Gate Drive for External P-channel MOSFET. GATEP
connects to the gate of an optional external P-channel
MOSFET to protect against negative voltages at IN. Inter-
nally clamped to 5.8V below VIN. An internal 2M resistor
connects this pin to ground. Connect to IN if unused.
GND: Device Ground.
IN: Supply Voltage Input. Connect this pin to the input
power supply. This pin has an overvoltage threshold of
5.8V. After an overvoltage event, this pin must fall below
VIN(OV) – ΔVOV to release the overvoltage lockout. During
lockout, the internal N-channel MOSFET remains off and
the PWRGD pull-down releases.
ON: On Control Input. A logic low at ON enables the
LTC4362. A logic high at ON activates a low current pull-
down on the gate of the internal N-channel MOSFET and
causes the LTC4362 to enter a low current sleep mode. An
internal 5μA current pulls ON down to ground. Connect
to ground or leave open if unused.
OUT: Source of Internal N-Channel MOSFET. Connect to
load.
PWRGD: Power Good Status. Open-drain output with
internal 500k resistive pull-up to OUT. Pulls low 65ms
after the MOSFET gate ramps above its internal gate high
threshold.
SENSE, Exposed Pad: Current Sense Node and Internal
N-Channel MOSFET Drain. An internal sense resistor
between IN and SENSE is used to implement the 1.5A
overcurrent threshold. The exposed pad is connected to
SENSE and must be soldered to an electrically isolated
printed circuit board trace to properly transfer the heat
out of the package. To disable the overcurrent function,
connect SENSE and the exposed pad to IN.
20ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
ICABLE
0.5A/DIV
FIGURE 4 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
436212 G10
1ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
ICABLE
0.5A/DIV
FIGURE 4 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
436212 G11
50μs/DIV
VIN
5V/DIV
VOUT
5V/DIV
VON
5V/DIV
ICABLE
0.5A/DIV
FIGURE 4 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
436212 G12
Specifications are at TA = 25°C, VIN = 5V, VON = 0V unless otherwise noted.


Similar Part No. - LTC4362-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4362-1 LINER-LTC4362-1 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-1 LINER-LTC4362-1_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
More results

Similar Description - LTC4362-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4362-1 LINER-LTC4362-1_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-2 LINER-LTC4362-2_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
logo
Bourns Electronic Solut...
TISP8250 BOURNS-TISP8250 Datasheet
183Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP8250D BOURNS-TISP8250D_08 Datasheet
257Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
logo
Maxim Integrated Produc...
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com