Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4310CMS-1-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4310CMS-1-TRPBF
Description  Hot-Swappable I2C Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4310CMS-1-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4310CMS-1-TRPBF Datasheet HTML 1Page - Linear Technology LTC4310CMS-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC4310CMS-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC4310CMS-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC4310CMS-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC4310CMS-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC4310CMS-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4310CMS-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4310CMS-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4310-1/LTC4310-2

431012f
Typical applicaTion
DescripTion
Hot-Swappable
I2C Isolators
The LTC®4310 provides bidirectional I2C communications
between two I2C buses whose grounds are isolated from
one another. Each LTC4310 encodes I2C bus logic states
into signals that are transmitted across an isolation barrier
to another LTC4310. The receiving LTC4310 decodes the
transmission and drives its l2C bus to the appropriate logic
state.Theisolationbarriercanbebridgedbyaninexpensive
Ethernet,orothertransformer,toachievecommunications
across voltage differences reaching thousands of volts, or
it can be bridged by capacitors for lower voltage isolation.
The LTC4310-1 is intended for use in 100kHz I2C systems.
The LTC4310-2 is intended for 400kHz I2C systems.
Rise time accelerators provide strong pull-up currents on
SCL and SDA rising edges to meet rise time specifications
for heavily loaded systems. Data and clock Hot Swap™
circuitry prevent data corruption when a card is inserted
into or removed from a live bus. When a bus is stuck low
for 37ms, the LTC4310 turns off its pull-down devices and
generates up to sixteen clocks and a STOP bit in an attempt
to free the bus. Driving EN low sets the LTC4310 in a very
low current shutdown mode to conserve power.
1500V Isolated I2C System
FeaTures
applicaTions
n
Bidirectional I2C Communication Between Two
Isolated Buses
n
Full Isolation with Inexpensive Ethernet
Transformers or Capacitors
n
Low Voltage Level Shifting
n
I2C Maximum Operating Frequency:
100kHz for LTC4310-1
400kHz for LTC4310-2
n
I2C Specification Compliant VOL, VIL
n
±5kV Human Body Model ESD Protection
n
Rise Time Accelerators
n
SDA, SCL Hot-Swapping
n
Very Low Shutdown Current
n
Stuck Bus Disconnect and Recovery
n
Thermal Shutdown
n
10-Lead MSOP and 3mm
× 3mm DFN Packages
n
Isolated I2C, SMBus and PMBus Interfaces
n
Isolated Power Supplies
n
Positive-to-Negative Rail Communications
n
Power-over-Ethernet
RXP
10/100Base-TX
ETHERNET TRANSFORMER
EPF8119S
RXN
TXP
SDA
SCL
EN
TXN GND
READY
0.01µF
0.01µF
ISOLATED
5V
3.3V
3.3k
3.3k
3.3k
3.3k
LTC4310-1
VCC
SDA2
SCL2
SDA1
SCL1
0.01µF
0.01µF
431012 TA01a
TXP
TXN
RXP
RXN
SDA
SCL
EN
READY
GND
LTC4310-1
VCC
LTC4310 Operating Through
20kV/µs Common Mode Transient
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. Hot Swap is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
2µs/DIV
20kV/µs
0V
0V
500V/
DIV
2V/DIV
431012 TA01b
SDA
SCL


Similar Part No. - LTC4310CMS-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310 LINER-LTC4310 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4310 LINER-LTC4310 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC4310 AD-LTC4310 Datasheet
242Kb / 26P
   I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4310-1 LINER-LTC4310-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results

Similar Description - LTC4310CMS-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com