Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4280IUFD-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4280IUFD-PBF
Description  Hot Swap Controller with I2C Compatible Monitoring
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280IUFD-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4280IUFD-PBF Datasheet HTML 6Page - Linear Technology LTC4280IUFD-PBF Datasheet HTML 7Page - Linear Technology LTC4280IUFD-PBF Datasheet HTML 8Page - Linear Technology LTC4280IUFD-PBF Datasheet HTML 9Page - Linear Technology LTC4280IUFD-PBF Datasheet HTML 10Page - Linear Technology LTC4280IUFD-PBF Datasheet HTML 11Page - Linear Technology LTC4280IUFD-PBF Datasheet HTML 12Page - Linear Technology LTC4280IUFD-PBF Datasheet HTML 13Page - Linear Technology LTC4280IUFD-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4280
10
4280f
FUNCTIONAL DIAGRAM
1.235V
+
+
+
+
+
+
+
+
+
UV
UV
+
+
PG
PWRGD
FAULT
CB
25mV
26mV
CS
GATE
SOURCE
FILTER
FET ON
SENSE
SENSE+
FOLDBACK
RST
UV
FB
ON
VDD
ADIN
OV
EN
0.4V
1.235V
10μA
INTVCC
1.235V
1.235V
2.84V
15.6V
1.235V
1.235V
0.6V
RESET
OV1
OV
EN
EN
ON
TM1
GP
FAULT
UVLO2
TM2
ON
OV2
OV2
UVLO1
VDD(UVLO)
CHARGE
PUMP AND
GATE DRIVER
GPI0
1V
TIMER
+
0.2V
1.235V
SENSE+ - SENSE
I2C ADDR
SOURCE
A/D
CONVERTER
8
100μA
2.64V
3.1V
GEN
2μA
+
+
1.235V
ADRO
ADR1
4280 BD
ADR2
INTVCC
+
5
SDAI
SCL
ALERT
SDAO
I2C
1 OF 27
LOGIC
10μA
2μA


Similar Part No. - LTC4280IUFD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results

Similar Description - LTC4280IUFD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4222 LINER-LTC4222_15 Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com