Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4269IDKD-2-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4269IDKD-2-PBF
Description  IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269IDKD-2-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4269IDKD-2-PBF Datasheet HTML 1Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 2Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 3Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 4Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 5Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 6Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 7Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 8Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTC4269-2

42692fb
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SD_VSEC(ON) Current
SD_VSEC = SD_VSEC Threshold +100mV
0
µA
SD_VSEC(OFF) Current
SD_VSEC = SD_VSEC Threshold – 100mV
8.3
10
11.7
µA
VIN(ON)
l
14.25
15.75
V
VIN(OFF)
l
8.75
9.25
V
VIN(HYST)
l
3.75
5.5
7.0
V
VREF
Output Voltage
IVREF = 0
l
2.425
2.5
2.575
V
Line Regulation
IVREF = 0, 10V < VIN < 25V
1
10
mV
Load Regulation
0mA < IVREF < 2.5mA
1
10
mV
Oscillator
Frequency, fOSC
ROSC = 178k, FB = 1V, SS_MAXDC = 1.84V
l
165
200
240
kHz
fOSC(MIN)
ROSC = 365k, FB = 1V
80
100
120
kHz
fOSC(MAX)
ROSC = 64.9k, COMP = 2.5V, SD_VSEC = 2.64V
440
500
560
kHz
SYNC Input Resistance
18
SYNC Switching Threshold
FB = 1V
1.5
2.2
V
SYNC Frequency/fOSC
FB = 1V (Note 14)
1.25
1.5
fOSC Line Regulation
ROSC = 178k; 10V < VIN < 25V, SS_MAXDC = 1.84V
0.05
0.33
%/V
VROSC
ROSC Pin Voltage
1
V
Error Amplifier
FB Reference Voltage
10V < VIN < 25V, VOL + 0.2V < COMP < VOH – 0.2
l
1.201
1.226
1.250
V
FB Input Bias Current
FB = FB Reference Voltage
-75
-200
nA
Open-Loop Voltage Gain
VOL + 0.2V < COMP < VOH – 0.2
65
85
dB
Unity-Gain Bandwidth
(Note 15)
3
MHz
COMP Source Current
FB = 1V, COMP = 1.6V
–4
–9
mA
COMP Sink Current
COMP = 1.6V
4
10
mA
COMP Current (Disabled)
FB = VREF, COMP = 1.6V
18
23
28
µA
COMP High Level VOH
FB = 1V, ICOMP = –250µA
2.7
3.2
V
COMP Active Threshold
FB = 1V, SOUT Duty Cycle > 0%
0.7
0.8
V
COMP Low Level VOL
ICOMP = 250µA
0.15
0.4
V
Current Sense
ISENSE Maximum Threshold
COMP = 2.5V, FB =1V
197
220
243
mV
ISENSE Input Current (Duty Cycle = 0%)
COMP = 2.5V, FB = 1V (Note 12)
–8
µA
ISENSE Input Current (Duty Cycle = 80%)
COMP = 2.5V, FB = 1V (Note 12)
–35
µA
OC Threshold
COMP = 2.5V, FB = 1V
98
107
116
mV
OC Input Current
(OC = 100mV)
–50
–100
nA
Default Blanking Time
COMP = 2.5V, FB = 1V, RBLANK = 40k (Note 16)
180
ns
Adjustable Blanking Time
COMP = 2.5V, FB = 1V, RBLANK = 120k
540
ns
VBLANK
1
V
SOUT Driver
SOUT Clamp Voltage
IGATE = 0µA, COMP = 2.5V, FB = 1V
10.54
12
13.5
V
SOUT Low Level
IGATE = 25mA
0.5
0.75
V


Similar Part No. - LTC4269IDKD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269IDKD-1-PBF LINER-LTC4269IDKD-1-PBF Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269IDKD-1-TRPBF LINER-LTC4269IDKD-1-TRPBF Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4269IDKD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-2 LINER-LTC4269-2_15 Datasheet
393Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
203Kb / 20P
   IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com